Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ8D Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # KBJ8D
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBJ8D Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KBJ8D Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBJ8D Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 02870
68
1.
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to 200 Am peres peak
Ideal for printed circuit board
Reliable low cos t cons truction utilizing m olded
plas tic technique res ults in inexpens ive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
KB
J
8D
KB
J
8G
KB
J
8J
KB
J
8K
KB
J
8M
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=110
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 4.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=100
mA
Typical junction capacitance per element
CJ
pF
Typical thermal resistance
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
KBJ
8A
KBJ
8B
50
100
1.0
2.Dev ice mounted on 300mm X 300mm X 1.6mm cu Plate heatsink.
1.0
A
IF(AV)
8.0
A
KBJ8A --- KBJ8M
SILICON BRIDGE RECT IFIERS
200.0
IFSM
KBJ
100
70
VOLT AGE RANGE: 50 --- 1000 V
CURRENT :
8.0 A
35
50
Lead s olderable per MIL-STD-202 m ethod 208
Polarity:Sym bols m olded on body
Mounting pos ition: Any
MECHANCAL DATA
Weight:0.23 ounces , 6.6 gram s
NOTES:1.Measured at 1.0MH
Z and applied rev ers e v oltage of 4.0V DC
- 55 ---- + 150
- 55 ---- + 150
IR
55
1.6
10.0


Similar Part No. - KBJ8D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ8D WTE-KBJ8D Datasheet
48Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBJ8D BILIN-KBJ8D Datasheet
130Kb / 3P
   Silicon Bridge Rectifiers
logo
Dc Components
KBJ8D DCCOM-KBJ8D Datasheet
419Kb / 2P
   TECHNICAL SPECIFICATIONS FO SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBJ8D GOOD-ARK-KBJ8D Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Won-Top Electronics
KBJ8D WTE-KBJ8D Datasheet
76Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBJ8D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com