Electronic Components Datasheet Search |
|
RBV3504 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
RBV3504 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 2 page www.galaxycn.com BL BLGALAXYELECTRICAL Document Number 0287132 1. GALAXY ELECTRICAL FEATURES Rating to 1000V PRV Surge overload rating to 400 Am peres peak Ideal for printed circuit board Reliable low cos t cons truction utilizing m olded plas tic technique res ults in inexpens ive product MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 am bient tem perature unles s otherwis e s pecified. Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%. UNITS Maximum recurrent peak reverse voltage VRRM 200 400 600 800 1000 V Maximum RMS voltage VRMS 140 280 420 560 700 V Maximum DC blocking voltage VDC 200 400 600 800 1000 V Maximum average forw ard Output current @T C=55 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 17.5 A VF V Maximum reverse current @TA=25 μA at rated DC blocking voltage @TA=100 Typical thermal resistance(Note 1) R θJC /W Operating junction temperature range TJ Storage temperature range TSTG RBV3500 - - - RBV3510 RBV RBV RBV RBV RBV RBV RBV 3500 3501 3502 3504 3506 3508 3510 50 100 1.1 200 A 10 IF(AV) 35 A SILICON BRIDGE RECTIFIERS 400 IFSM KBJ 100 70 VOLTAGE RANGE: 50 --- 1000 V CURRENT: 35 A 35 50 Lead s olderable per MIL-STD-202 m ethod 208 Polarity:Sym bols m olded on body Mounting pos ition: Any MECHANCAL DATA Weight:0.23 ounces , 6.6 gram s NOTE:1.Device mounted on 300mm X 300mm X 1.6mm cu Plate heatsink. - 55 ---- + 150 - 55 ---- + 150 IR 1.5 |
Similar Part No. - RBV3504 |
|
Similar Description - RBV3504 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |