Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22304 Datasheet(PDF) 5 Page - Analog Devices

Part # AD22304
Description  짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22304 Datasheet(HTML) 5 Page - Analog Devices

  AD22304 Datasheet HTML 1Page - Analog Devices AD22304 Datasheet HTML 2Page - Analog Devices AD22304 Datasheet HTML 3Page - Analog Devices AD22304 Datasheet HTML 4Page - Analog Devices AD22304 Datasheet HTML 5Page - Analog Devices AD22304 Datasheet HTML 6Page - Analog Devices AD22304 Datasheet HTML 7Page - Analog Devices AD22304 Datasheet HTML 8Page - Analog Devices AD22304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD22304
Rev. C | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
TEMP
ST2
ST1
PGND
AVCC
CP1
CP2
CP4
RATEOUT
GF
E
D
C
B
A
7
6
5
4
3
2
1
CP5
CP3
PDD
CMID
SUMJ
2.5V
Figure 3. BGA-32 (Bottom View)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
6D, 7D
CP5
HV Filter Capacitor—47 nF
6A, 7B
CP4
6C, 7C
CP3
Charge Pump Capacitor—22 nF
Charge Pump Capacitor—22 nF
5A, 5B
CP1
4A, 4B
CP2
Charge Pump Capacitor—22 nF
Charge Pump Capacitor—22 nF
3A, 3B
AVCC
+ Analog Supply
1B, 2A
RATEOUT
Rate Signal Output
1C, 2C
SUMJ
Output Amp Summing Junction
1D, 2D
CMID
HF Filter Capacitor—100 nF
1E, 2E
2.5V
2.5 V Precision Reference
1F, 2G
AGND
Analog Supply Return
3F, 3G
TEMP
Temperature Voltage Output
4F, 4G
ST2
Self-Test for Sensor 2
5F, 5G
ST1
Self-Test for Sensor 1
6G, 7F
PGND
Charge Pump Supply Return
6E, 7E
PDD
+ Charge Pump Supply


Similar Part No. - AD22304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
More results

Similar Description - AD22304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com