Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZQ50K4L2 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # ZQ50K4L2
Description  SILICON PRESS-FIT DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ZQ50K4L2 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ZQ50K4L2 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ZQ50K4L2 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Φ13±0.1
Φ11.0±0.1
Φ1.3±0.1
5.0±0.2
10.7±0.2
28.5Min
Φ12.75±0.05
BL
GALAXY ELECTRICAL
FEATURES
Norminal current 50A
Repetitive peak reverse voltage 600 V
Metal press -fit case with plastic cover
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
ZQ50A4L2
ZQ50A6L2
ZQ50K4L2
ZQ50K6L2
Repetitive peak reverse voltage
VRRM
V
Surge peak reverse voltage
VRSM
V
Max.average forward rectified current,
R-load
@T
A=55
Repetitive peak forward current
f 15HZ
(NOTE1)
Peak forward surge current,50/60 HZ
half sine-wave
Forward voltage
@ IF=50A
VF
V
Leakage current
@Tj=25
IR
μA
Rating for fusing
t 10ms
i
2t
2
A
S
Thermal resistance junction to case
Rthc
K/W
Operating junction temperature
Tj
Storage temperature range
TS
NOTE: Max.case temperature TC=150 -Max.
IFRM
110
A
IFSM
450/500
A
ZQ50K2L2
800
1.1
www.galaxycn.com
100
- 55 --- + 215
0.7
ZQ50A2L2---ZQ50K6L2
200
400
600
ZQL2
VOLTAGE RANGE
: 200 -- 600 V
CURRENT: 50 A
UNITS
SILICON PRESS-FIT DIODES
- 55 --- + 215
IF(AV)
A
240
480
700
50
Wire to anode
Wire to cathode
ZQ50A2L2
BLGALAXYELECTRICAL
Document Number 0292018
1.


Similar Part No. - ZQ50K4L2

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ZQ50K4L3 BILIN-ZQ50K4L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
More results

Similar Description - ZQ50K4L2

ManufacturerPart #DatasheetDescription
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
   Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP60A05 SEMIKRON-BYP60A05_06 Datasheet
292Kb / 2P
   Silicon Press-Fit-Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35 SAMYANG-BYP35 Datasheet
412Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05 Datasheet
295Kb / 2P
   Silicon Press-Fit-Diodes
KYZ25A05 SEMIKRON-KYZ25A05 Datasheet
243Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
KYW25A05 DIOTEC-KYW25A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes
KYZ35A05 DIOTEC-KYZ35A05 Datasheet
179Kb / 2P
   Silicon Press-Fit-Diodes
logo
Semikron International
KYW25A05 SEMIKRON-KYW25A05 Datasheet
252Kb / 2P
   Silicon Press-Fit-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com