Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6910TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6910TR
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6910TR Datasheet HTML 6Page - STMicroelectronics L6910TR Datasheet HTML 7Page - STMicroelectronics L6910TR Datasheet HTML 8Page - STMicroelectronics L6910TR Datasheet HTML 9Page - STMicroelectronics L6910TR Datasheet HTML 10Page - STMicroelectronics L6910TR Datasheet HTML 11Page - STMicroelectronics L6910TR Datasheet HTML 12Page - STMicroelectronics L6910TR Datasheet HTML 13Page - STMicroelectronics L6910TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
L6910A L6910
10/21
Figure 7. Compensation Network
The compensation network consists in the internal error amplifier and the impedance networks ZIN (R3, R4 and
C20) and ZFB (R5, C18 and C19). The compensation network has to provide a closed loop transfer function with
the highest 0dB crossing frequency to have fast response (but always lower than fsw/10) and the highest gain
in DC conditions to minimize the load regulation.
A stable control loop has a gain crossing with -20dB/decade slope and a phase margin greater than 45°. Include
worst-case component variations when determining phase margin.
To locate poles and zeroes of the compensation networks, the following suggestions may be used:
Modulator singularity frequencies:
Compensation network singularity frequency:
– Put the gain R5/R3 in order to obtain the desired converter bandwidth;
–Place
ωZ1 before the output filter resonance ωLC;
–Place
ωZ2 at the output filter resonance ωLC;
–Place
ωP1 at the output capacitor ESR zero ωESR;
–Place
ωP2 at one half of the switching frequency;
– Check the loop gain considering the error amplifier open loop gain.
Vin
L
ESR
Cout
R3
R5
C19
EAREF
Vcomp
PWM
Comparator
Vout
∆Vosc
R4
C18
C20
+
-
ω
LC
1
LC
OUT
---------------------------
ω
ESR
1
ESR C
OUT
---------------------------------
==
ω
P1
1
R5
C18 C19
C18
C 19
+
-----------------------------


-----------------------------------------------
ω
P2
1
R4 C 20
------------------------
==
ω
Z1
1
R5 C19
------------------------
ω
Z2
1
R3
R 4
+
() C20
-------------------------------------------
==


Similar Part No. - L6910TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910TR STMICROELECTRONICS-L6910TR Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results

Similar Description - L6910TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
   Adjustable step-down controller with synchronous rectification dedicated to DDR memory
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
   Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com