Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8D-7LJ Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # GAL16V8D-7LJ
Description  High Performance E2CMOS PLD Generic Array Logic?
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-7LJ Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button GAL16V8D-7LJ Datasheet HTML 5Page - Lattice Semiconductor GAL16V8D-7LJ Datasheet HTML 6Page - Lattice Semiconductor GAL16V8D-7LJ Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-7LJ Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-7LJ Datasheet HTML 9Page - Lattice Semiconductor GAL16V8D-7LJ Datasheet HTML 10Page - Lattice Semiconductor GAL16V8D-7LJ Datasheet HTML 11Page - Lattice Semiconductor GAL16V8D-7LJ Datasheet HTML 12Page - Lattice Semiconductor GAL16V8D-7LJ Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Specifications GAL16V8
9
In the Simple mode, macrocells are configured as dedicated inputs
or as dedicated, always active, combinatorial outputs.
Architecture configurations available in this mode are similar to the
common 10L8 and 12P6 devices with many permutations of ge-
neric output polarity or input choices.
All outputs in the simple mode have a maximum of eight product
terms that can control the logic. In addition, each output has pro-
grammable polarity.
Pins 1 and 11 are always available as data inputs into the AND
array. The center two macrocells (pins 15 & 16) cannot be used
as input or I/O pins, and are only available as dedicated outputs.
The JEDEC fuse numbers including the UES fuses and PTD fuses
are shown on the logic diagram.
Combinatorial Output with Feedback Configuration
for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- All OLMC except pins 15 & 16 can be configured to
this function.
Combinatorial Output Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- Pins 15 & 16 are permanently configured to this
function.
Dedicated Input Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1 defines this configuration.
- All OLMC except pins 15 & 16 can be configured to
this function.
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
Vcc
XOR
Vcc
XOR
Simple Mode


Similar Part No. - GAL16V8D-7LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8D-7LJ LATTICE-GAL16V8D-7LJ Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8D-7LJ LATTICE-GAL16V8D-7LJ Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-7LJ LATTICE-GAL16V8D-7LJ Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-7LJ LATTICE-GAL16V8D-7LJ Datasheet
767Kb / 26P
   All Devices Discontinued
GAL16V8D-7LJ LATTICE-GAL16V8D-7LJ Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
More results

Similar Description - GAL16V8D-7LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com