Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8D-7LS Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # GAL16V8D-7LS
Description  High Performance E2CMOS PLD Generic Array Logic?
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-7LS Datasheet(HTML) 4 Page - Lattice Semiconductor

  GAL16V8D-7LS Datasheet HTML 1Page - Lattice Semiconductor GAL16V8D-7LS Datasheet HTML 2Page - Lattice Semiconductor GAL16V8D-7LS Datasheet HTML 3Page - Lattice Semiconductor GAL16V8D-7LS Datasheet HTML 4Page - Lattice Semiconductor GAL16V8D-7LS Datasheet HTML 5Page - Lattice Semiconductor GAL16V8D-7LS Datasheet HTML 6Page - Lattice Semiconductor GAL16V8D-7LS Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-7LS Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-7LS Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Specifications GAL16V8
4
The following discussion pertains to configuring the output logic
macrocell. It should be noted that actual implementation is accom-
plished by development software/hardware and is completely trans-
parent to the user.
There are three global OLMC configuration modes possible:
simple, complex, and registered. Details of each of these modes
are illustrated in the following pages. Two global bits, SYN and
AC0, control the mode configuration for all macrocells. The XOR
bit of each macrocell controls the polarity of the output in any of the
three modes, while the AC1 bit of each of the macrocells controls
the input/output configuration. These two global and 16 individ-
ual architecture bits define all possible configurations in a GAL16V8
. The information given on these architecture bits is only to give
a better understanding of the device. Compiler software will trans-
parently set these architecture bits from the pin definitions, so the
user should not need to directly manipulate these architecture bits.
The following is a list of the PAL architectures that the GAL16V8
can emulate. It also shows the OLMC mode under which the
GAL16V8 emulates the PAL architecture.
PAL Architectures
GAL16V8
Emulated by GAL16V8
Global OLMC Mode
16R8
Registered
16R6
Registered
16R4
Registered
16RP8
Registered
16RP6
Registered
16RP4
Registered
16L8
Complex
16H8
Complex
16P8
Complex
10L8
Simple
12L6
Simple
14L4
Simple
16L2
Simple
10H8
Simple
12H6
Simple
14H4
Simple
16H2
Simple
10P8
Simple
12P6
Simple
14P4
Simple
16P2
Simple
Software compilers support the three different global OLMC modes
as different device types. These device types are listed in the table
below. Most compilers have the ability to automatically select the
device type, generally based on the register usage and output
enable (OE) usage. Register usage on the device forces the soft-
ware to choose the registered mode. All combinatorial outputs with
OE controlled by the product term will force the software to choose
the complex mode. The software will choose the simple mode only
when all outputs are dedicated combinatorial without OE control.
The different device types listed in the table can be used to override
the automatic device selection by the software. For further details,
refer to the compiler software manuals.
When using compiler software to configure the device, the user
must pay special attention to the following restrictions in each mode.
In registered mode pin 1 and pin 11 are permanently configured
as clock and output enable, respectively. These pins cannot be con-
figured as dedicated inputs in the registered mode.
In complex mode pin 1 and pin 11 become dedicated inputs and
use the feedback paths of pin 19 and pin 12 respectively. Because
of this feedback path usage, pin 19 and pin 12 do not have the
feedback option in this mode.
In simple mode all feedback paths of the output pins are routed
via the adjacent pins. In doing so, the two inner most pins ( pins
15 and 16) will not have the feedback option as these pins are
always configured as dedicated combinatorial output.
Registered
Complex
Simple
Auto Mode Select
ABEL
P16V8R
P16V8C
P16V8AS
P16V8
CUPL
G16V8MS
G16V8MA
G16V8AS
G16V8
LOG/iC
GAL16V8_R
GAL16V8_C7
GAL16V8_C8
GAL16V8
OrCAD-PLD
"Registered"1
"Complex"1
"Simple"1
GAL16V8A
PLDesigner
P16V8R2
P16V8C2
P16V8C2
P16V8A
TANGO-PLD
G16V8R
G16V8C
G16V8AS3
G16V8
1) Used with Configuration keyword.
2) Prior to Version 2.0 support.
3) Supported on Version 1.20 or later.
Output Logic Macrocell (OLMC)
Compiler Support for OLMC


Similar Part No. - GAL16V8D-7LS

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8D-7LS LATTICE-GAL16V8D-7LS Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8D-7LS LATTICE-GAL16V8D-7LS Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-7LS LATTICE-GAL16V8D-7LS Datasheet
767Kb / 26P
   All Devices Discontinued
GAL16V8D-7LS LATTICE-GAL16V8D-7LS Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
More results

Similar Description - GAL16V8D-7LS

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com