Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C344-20WMB Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C344-20WMB
Description  32-Macrocell MAX짰 EPLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-20WMB Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C344-20WMB Datasheet HTML 1Page - Cypress Semiconductor CY7C344-20WMB Datasheet HTML 2Page - Cypress Semiconductor CY7C344-20WMB Datasheet HTML 3Page - Cypress Semiconductor CY7C344-20WMB Datasheet HTML 4Page - Cypress Semiconductor CY7C344-20WMB Datasheet HTML 5Page - Cypress Semiconductor CY7C344-20WMB Datasheet HTML 6Page - Cypress Semiconductor CY7C344-20WMB Datasheet HTML 7Page - Cypress Semiconductor CY7C344-20WMB Datasheet HTML 8Page - Cypress Semiconductor CY7C344-20WMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY7C344
CY7C344B
5
External Synchronous Switching Characteristics[7] Over Operating Range (continued)
7C344B–10
7C344B–12
7C344–15
7C344B–15
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fMAX2
Maximum Frequency with Internal Only Feed-
back (1/(tCF + tS))
[4, 15]
Com’l/Ind
111.1
90.9
71.4
MHz
Mil
90.9
71.4
fMAX3
Data Path Maximum Frequency, least of 1/(tWL
+ tWH), 1/(tS + tH), or (1/tCO1)
[4, 16]
Com’l/Ind
125.0
111.1
83.3
MHz
Mil
111.1
83.3
fMAX4
Maximum Register Toggle Frequency 1/(tWL +
tWH)
[4, 17]
Com’l/Ind
125.0
111.1
83.3
MHz
Mil
111.1
83.3
tOH
Output Data Stable Time from Synchronous
Clock Input[4, 18]
Com’l/ Ind
3
3
3
ns
Mil
3
3
Shaded area contains preliminary information.
Notes:
8.
This parameter is the delay from an input signal applied to a dedicated input pin to a combinatorial output on any output pin. This delay assumes no expander
terms are used to form the logic function.
9.
This parameter is the delay associated with an input signal applied to an I/O macrocell pin to any output. This delay assumes no expander terms are used to
form the logic function.
10. This parameter is the delay associated with an input signal applied to a dedicated input pin to combinatorial output on any output pin. This delay assumes
expander terms are used to form the logic function and includes the worst-case expander logic delay for one pass through the expander logic. This parameter
is tested periodically by sampling production material.
11.
This parameter is the delay associated with an input signal applied to an I/O macrocell pin to any output pin. This delay assumes expander terms are used
to form the logic function and includes the worst-case expander logic delay for one pass through the expander logic. This parameter is tested periodically by
sampling production material.
12. This specification is a measure of the delay from synchronous register clock input to internal feedback of the register output signal to a combinatorial output
for which the registered output signal is used as an input. This parameter assumes no expanders are used in the logic of the combinatorial output and the
register is synchronously clocked. This parameter is tested periodically by sampling production material.
13. This specification is a measure of the delay associated with the internal register feedback path. This delay plus the register set-up time, tS, is the minimum
internal period for an internal state machine configuration. This parameter is tested periodically by sampling production material.
14. This specification indicates the guaranteed maximum frequency at which a state machine configuration with external only feedback can operate.
15. This specification indicates the guaranteed maximum frequency at which a state machine with internal-only feedback can operate. If register output states
must also control external points, this frequency can still be observed as long as it is less than 1/tCO1. This specification assumes no expander logic is used. This
parameter is tested periodically by sampling production material.
16. This frequency indicates the maximum frequency at which the device may operate in data-path mode (dedicated input pin to output pin). This assumes that
no expander logic is used.
17. This specification indicates the guaranteed maximum frequency in synchronous mode, at which an individual output or buried register can be cycled by a
clock signal applied to either a dedicated input pin or an I/O pin.
18. This parameter indicates the minimum time after a synchronous register clock input that the previous register output data is maintained on the output pin.


Similar Part No. - CY7C344-20WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344-20WMB CYPRESS-CY7C344-20WMB Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344-20WMB CYPRESS-CY7C344-20WMB Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C344-20WMB CYPRESS-CY7C344-20WMB Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C344-20WMB CYPRESS-CY7C344-20WMB Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results

Similar Description - CY7C344-20WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B_05 Datasheet
352Kb / 12P
   32-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
5962-9061102XX CYPRESS-5962-9061102XX Datasheet
579Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com