Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6917 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6917
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6917 Datasheet HTML 4Page - STMicroelectronics L6917 Datasheet HTML 5Page - STMicroelectronics L6917 Datasheet HTML 6Page - STMicroelectronics L6917 Datasheet HTML 7Page - STMicroelectronics L6917 Datasheet HTML 8Page - STMicroelectronics L6917 Datasheet HTML 9Page - STMicroelectronics L6917 Datasheet HTML 10Page - STMicroelectronics L6917 Datasheet HTML 11Page - STMicroelectronics L6917 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
L6917B
8/33
Device Description
The device is an integrated circuit realized in BCD technology. It provides complete control logic and protections
for a high performance dual-phase step-down DC-DC converter optimized for microprocessor power supply. It
is designed to drive N Channel MOSFETs in a dual-phase synchronous-rectified buck topology. A 180 deg
phase shift is provided between the two phases allowing reduction in the input capacitor current ripple, reducing
also the size and the losses. The output voltage of the converter can be precisely regulated, programming the
VID pins, from 1.100V to 1.850V with 25mV binary steps, with a maximum tolerance of ±0.8% over temperature
and line voltage variations. The device provides an average current-mode control with fast transient response.
It includes a 300kHz free-running oscillator adjustable up to 600kHz. The error amplifier features a 15V/
µs slew
rate that permits high converter bandwidth for fast transient performances. Current information is read across
the lower mosfets rDSON or across a sense resistor in fully differential mode. The current information corrects
the PWM output in order to equalize the average current carried by each phase. Current sharing between the
two phases is then limited at ±10% over static and dynamic conditions. The device protects against over-cur-
rent, with an OC threshold for each phase, entering in constant current mode. Since the current is read across
the low side mosfets, the constant current keeps constant the bottom of the inductors current triangular wave-
form. When an under voltage is detected the device latches and the FAULT pin is driven high. The device per-
forms also over voltage protection that disable immediately the device turning ON the lower driver and driving
high the FAULT pin.
Oscillator
The device has been designed in order to operate an each phase at the same switching frequency of the internal
oscillator. So, input and output resulting frequency is doubled.
The switching frequency is internally fixed to 300kHz. The internal oscillator generates the triangular waveform
for the PWM charging and discharging with a constant current an internal capacitor. The current delivered to the
oscillator is typically 25
µA and may be varied using an external resistor (ROSC) connected between OSC pin
and GND or Vcc. Since the OSC pin is maintained at fixed voltage (typ). 1.235V, the frequency is varied pro-
portionally to the current sunk (forced) from (into) the pin considering the internal gain of 12KHz/
µA.
In particular connecting it to GND the frequency is increased (current is sunk from the pin), while connecting ROSC
to Vcc=12V the frequency is reduced (current is forced into the pin), according to the following relationships:
Note that forcing a 25
µA current into this pin, the device stops switching because no current is delivered to the
oscillator.
Figure 1. ROSC vs. Switching Frequency
R
OS C vs. GND: fS
300kH z
1.237
R
OSC K Ω
()
------------------------------
12
kHz
µA
-----------
+
300 kHz
14.82 10
6
R
OSC K Ω
()
------------------------------
+
==
R
OS C vs. 12V: fS
300 kHz
12
1.237
R
OSC K Ω
()
------------------------------ 12
kHz
µA
-----------
300kH z
12.918 10
7
R
OSC K Ω
()
--------------------------------
==
0
1000
2000
3000
4000
5000
6000
7000
0
100
200
300
Frequency (KHz)
0
100
200
300
400
500
600
700
800
900
1000
300
400
500
600
700
800
900 1000
Frequency (KHz)


Similar Part No. - L6917

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6910 STMICROELECTRONICS-L6910 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6910A STMICROELECTRONICS-L6910A Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6910A STMICROELECTRONICS-L6910A Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6910ATR STMICROELECTRONICS-L6910ATR Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results

Similar Description - L6917

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
logo
National Semiconductor ...
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com