Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QUAZ-SS-109D Datasheet(PDF) 1 Page - Tyco Electronics

Part # QUAZ-SS-109D
Description  Miniature, Sealed PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

QUAZ-SS-109D Datasheet(HTML) 1 Page - Tyco Electronics

  QUAZ-SS-109D Datasheet HTML 1Page - Tyco Electronics QUAZ-SS-109D Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
319
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Features
• Gold overlay silver palladium alloy contact suitable for low loads.
• High density available on PC board due to small size.
• 2.54mm terminal pitch same as I.C. socket terminal pitch.
• Sensitive and standard coils available.
• Immersion cleanable, sealed version available.
OUAZ series
Miniature, Sealed PC Board Relay
Telecommunications, Appliances,
Office Machines, Audio Equipment.
UL File No. E82292
CSA File No. LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDCM.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
OUAZ-SS: Vented (Flux-tight), plastic cover.
OUAZ-SH: Sealed, plastic case.
Weight: 0.12 oz. (3.5g) approximately.
Coil Data @ 20
°C
Operate Data
Must Operate Voltage: OUAZ-D: 70% of nominal voltage or less.
OUAZ-L: 75% of nominal voltage or less.
Must Release Voltage: OUAZ-D: 5% of nominal voltage or more.
OUAZ-L: 10% of nominal voltage or more.
Operate Time: OUAZ-D: 5 ms max.
OUAZ-L: 10 ms max.
Release Time: 7 ms max.
Environmental Data
Temperature Range:
Operating: OUAZ-D: -30
°C to +60°C
OUAZ-L: -30
°C to +75°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 500m/s2 (50G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing)
Initial Dielectric Strength
Between Open Contacts: 500VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 1,000VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts: 1,500V FCC Part 68
(10/160
µs).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Gold overlay silver palladium.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load: 1mA @1VDC.
Initial Contact Resistance: 50 milliohms @ 100mA,6VDC.
Coil Data
Voltage: 5 to 24VDC.
Nominal Power: OUAZ-D: 450 mW.
OUAZ-L: 200 mW.
Coil Temperature Rise: OUAZ-D: 60
°C max., at rated coil voltage.
OUAZ-L: 25
°C max., at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
Contact Ratings
Ratings: 1A @ 24VDC resistive,
1A @ 120VAC resistive.
Max. Switched Voltage: AC: 120V.
DC: 60V.
Max. Switched Current: 1A.
Max. Switched Power: 120VA, 30W.
OUAZ-D Standard
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
90.9
55
3.50
0.25
6
75.0
80
4.20
0.30
9
50.0
180
6.30
0.45
12
37.5
320
8.40
0.60
24
18.8
1,280
16.80
1.20
OUAZ-L Sensitive
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
40.0
125
3.75
0.50
6
33.3
180
4.50
0.60
9
22.5
400
6.75
0.90
12
17.0
700
9.00
1.20
24
8.6
2,800
18.00
2.40
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - QUAZ-SS-109D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
QUAD-HIFREQ VISHAY-QUAD-HIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
logo
Pentair plc. All rights...
QUAD-MC PENTAIR-QUAD-MC Datasheet
370Kb / 2P
   REPLACEMENT CARTRIDGE KIT FOR EVERPURE HIGH FLOW CSR QUAD-MC2 SYSTEMS
logo
Vishay Siliconix
QUADHIFREQ VISHAY-QUADHIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
logo
List of Unclassifed Man...
QUAIL ETC-QUAIL Datasheet
1Mb / 5P
   click boards meet.NET Micro framework
logo
Bel Fuse Inc.
QUAL-MANU-01 BEL-QUAL-MANU-01 Datasheet
3Mb / 55P
   QUALITY MANUAL
More results

Similar Description - QUAZ-SS-109D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
OUDH-SH-112DM MACOM-OUDH-SH-112DM Datasheet
35Kb / 2P
   10 Amp Miniature, Sealed PC Board Relay
logo
List of Unclassifed Man...
OUDH ETC1-OUDH Datasheet
34Kb / 2P
   10 Amp Miniature, Sealed PC Board Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com