Electronic Components Datasheet Search
Selected language     English  ▼


4-1393273-9 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4-1393273-9
Description  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
PCB relays
Single relays
Mini power relay K (open and sealed)
Please observe the disclaimer.
100
Powertrain
Systems
Chassis
Systems
Safety
Security
Body
Driver
Information
Convenience
Car Industry
Truck
Industry
Other
Industry
72A_3d01 / 72C_3d01
Catalog 1308028
Issued 01-05
Description
Features
- 60% smaller volume than
power relay K
- High switching capacity
- Small footprint, minimal
space requirements
Typical applications
- Lamp control circuits
- Indicator control circuits
- Sunroof motors
- Window motors
- Immobilizers
- Central doorlock etc.
-
Also available for 42 V
applications
Please contact Tyco Electronics
for relay application support.
Design
Open or sealed;
sealed version: sealing in accordance
with IEC 68;
immersion cleanable: protection class
IP 67 to IEC 529 (EN 60 529)
Weight
Approx. 0.28 oz. (8 g) open version
Approx. 0.32 oz. (9 g) sealed version
Nominal voltage
12 V or 24 V;
other nominal voltages on request
Terminals
PCB terminals, for assembling in
printed circuit boards
Terminals in grid 0.049 … 0.050"
(1.25 … 1.27 mm)
Conditions
All parametric, environmental and
endurance tests are performed
according to EIA Standard RS-407-A
at standard test conditions unless
otherwise noted:
23 °C ambient temperature,
20-50% RH, 29.5 ± 1.0" Hg
(998.9 ±33.9 hPa).
Please also refer to the Application
Recommendations in this catalog
for general precautions.
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of
the relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and
to request our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without
notification. All rights of Tyco are reserved.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PVG612AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 2.0A AC/ 4.0 A DC 1 2 3 4 5 International Rectifier
PVN012APBFMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-20V 4.0A AC/ 6.0A DC 1 2 3 4 5 International Rectifier
PVT412AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-400V 240mA AC / 360mA DC 1 2 3 4 5 International Rectifier
PVDZ172N_06Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V DC 1.5A 1 2 3 4 5 International Rectifier
ISL55190Single and Dual Ultra-Low Noise Ultra-Low Distortion Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL6549Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
ISL55191Single and Dual Ultra-Low Noise Ultra-Low Distortion Rail-to-Rail Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL59837200MHz Single Supply Video Driver With Charge Pump and Power Down 1 2 3 4 5 MoreIntersil Corporation
ICM756112/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output 1 2 3 4 5 MoreIC MICROSYSTEMS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl