Selected language     English  ▼


4-1393273-9 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 4-1393273-9
Description  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
PCB relays
Single relays
Mini power relay K (open)
Please observe the disclaimer.
101
Catalog 1308028
Issued 01-05
Dimensional drawing
Open version
Terminals tinned
additional tin tops
Tyco0595-Z
Ø .138
(3.5)
.689
±.020
(17.5
±0.5)
.138
±.012 *)
(3.5
±0.3)
.157
±.039
(4
±1)
.035
±.006
(0.9
±0.15)
.008 … .055
(0.2 … 1.4)
.374
±.008
(9.5
±0.2)
.264
±.012
(6.7
± 0.3)
.240
±.012
(6.1
± 0.3)
.512
±.008
(13.0
±0.2)
.591
±.039
(15
±1)
.571
±.016
(14.5
±0.4)
*)
max .039 inch (1 mm)
ECR2209-U
.033
±.002
(0.85
±0.06)
4 x .033
±.002
(0.85
±0.06)
Ø .033
±.002
(0.85
±0.05)
.030
±.002
(0.75
±0.06)
.022
±.002
(0.55
±0.05)
View of the terminals (Bottom view)
Tyco0596-8
.039
±.018
(1
±0.45)
.091 max.
(2.3 max.)
.056
±.010
(1.42
±0.25)
.047
±.016
(1.2
±0.4)
Ø .512 +.004
(1.3 +0.1)
.049 … .050
(1.25 … 1.27)
Mounting holes
View of the terminals (Bottom view)
Grid 0.049 … 0.050" (1.25 … 1.27 mm)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PVG612AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 2.0A AC/ 4.0 A DC 1 2 3 4 5 International Rectifier
PVN012APBFMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-20V 4.0A AC/ 6.0A DC 1 2 3 4 5 International Rectifier
PVT412AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-400V 240mA AC / 360mA DC 1 2 3 4 5 International Rectifier
PVDZ172N_06Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V DC 1.5A 1 2 3 4 5 International Rectifier
ISL55190Single and Dual Ultra-Low Noise Ultra-Low Distortion Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL6549Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
ISL55191Single and Dual Ultra-Low Noise Ultra-Low Distortion Rail-to-Rail Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL59837200MHz Single Supply Video Driver With Charge Pump and Power Down 1 2 3 4 5 MoreIntersil Corporation
ICM756112/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output 1 2 3 4 5 MoreIC MICROSYSTEMS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl