Selected language     English  ▼


4-1393273-9 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 4-1393273-9
Description  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
PCB relays
Single relays
Mini power relay K (sealed)
Please observe the disclaimer.
102
Catalog 1308028
Issued 01-05
Dimensional drawing
Sealed version
Terminals tinned
The Nipp-off-pin may be
removed after soldering
and washing
(for ventilation)
additional tin tops
Nipp-off-pin
Tyco1112-3
.756
±.012
(19.2
±0.3)
.118
±.012 *)
(3
±0.3)
.012
±.008
(0.3
±0.2)
.018
±.016
(0.45
±0.4)
.579
±.012
(14.7
±0.3)
.665
±.012
(16.9
±0.3)
*)
max .039 inch (1 mm)
ECR2210-X
.033
±.002
(0.85
±0.06)
.181
±.008
(4.6
±0.2)
.033
±.002
(0.85
±0.06)
2 x Ø .033
±.002
(0.85
±0.05)
Ø .079
±.004
(Ø 2
±0.1)
.075
±.008
(1.9
±0.2)
.354
±.008
(9
±0.2)
.030
±.002
(0.75
±0.06)
4 x .022
±.002
(0.55
±0.05)
View of the terminals (Bottom view)
ECR0598-P
.106
±.016
(2.7
±0.4)
.094
±.024
(2.4
±0.6)
Ø .512 +.004
(1.3 +0.1)
.049 … .050
(1.25 … 1.27)
Mounting holes
View of the terminals (Bottom view)
Grid 1.25 … 1.27 mm
Assembly and
positioning aid




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PVG612AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 2.0A AC/ 4.0 A DC 1 2 3 4 5 International Rectifier
PVN012APBFMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-20V 4.0A AC/ 6.0A DC 1 2 3 4 5 International Rectifier
PVT412AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-400V 240mA AC / 360mA DC 1 2 3 4 5 International Rectifier
PVDZ172N_06Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V DC 1.5A 1 2 3 4 5 International Rectifier
ISL55190Single and Dual Ultra-Low Noise Ultra-Low Distortion Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL6549Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
ISL55191Single and Dual Ultra-Low Noise Ultra-Low Distortion Rail-to-Rail Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL59837200MHz Single Supply Video Driver With Charge Pump and Power Down 1 2 3 4 5 MoreIntersil Corporation
ICM756112/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output 1 2 3 4 5 MoreIC MICROSYSTEMS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl