Electronic Components Datasheet Search
Selected language     English  ▼


4-1393273-9 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 4-1393273-9
Description  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
PCB relays
Single relays
Mini power relay K (open and sealed)
Please observe the disclaimer.
103
Catalog 1308028
Issued 01-05
Contact data
Typical areas of application
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current at 85 °C
Contact material
Max. switching voltage/power
Max. switching current1)
On2)
Off
Min. recommended load5)
Voltage drop at 10 A (initial)
for NC/NO contacts
Mechanical endurance (without load)
Electrical endurance
(example of resistive load)
1)
The values apply to a resistive load or inductive load with suitable spark suppression.
2)
For a load current duration of maximum 3 s for a make/break ratio of 1:10.
3)
Corresponds to the peak inrush current on initial actuation (cold filament).
4)
At 50 % ON period
5)
See chapter Diagnostics in our Application Recommendations on page 18.
Resistive / inductive loads
Indicator lamps
Make
Changeover
Double
Make
Double
contact/
contact/
make contact/
contact/
make contact/
Form A
Form C
Form U
Form A
Form U
12 V
10 A
5 A/10 A
2 x 6 A
5 A
2 x 5 A
AgNi0.15
AgSnO2
See load limit curve
NC/NO
60 A
12 A/60 A
2 x 40 A
60 A3)
120 A3)
20 A
10 A/20 A
2 x 20 A
6 A
12 A
1 A at 5 V
Typ. 50 mV, 300 mV max.
Typ. 2 x 50 mV, 300 mV max.
Typ. 150 mV, 300 mV max.
> 107 operations
> 2 x 105 operations
> 1,5 x 106
> 1.5 x 106
10 A, 13.5 V
operations
operations
up to 3 x 21 W
up to 6 x 21 W
3
5
4
Load limit curve
Pin assignment (open and sealed)
1 make contact/
1 double make contact/
1 changeover contact/
1 form A
1 form U
1 form C
Load limi
curve 1
Load limi
curve 2
Load limi
curve 3
Tyco
Load limit curve 1 ^
= safe shutdown,
connected as form X, load on pin 5
and 7
Load limit curve 2 ^
= safe shutdown,
no stationary arc / make contact
Load limit curve 3 ^
= arc extinguishes
during transit time (changeover contact)
Load limit
curve 1
Load limit
curve 2
Load limit
curve 3
Tyco0626-Y




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PVG612AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 2.0A AC/ 4.0 A DC 1 2 3 4 5 International Rectifier
PVN012APBFMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-20V 4.0A AC/ 6.0A DC 1 2 3 4 5 International Rectifier
PVT412AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-400V 240mA AC / 360mA DC 1 2 3 4 5 International Rectifier
PVDZ172N_06Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V DC 1.5A 1 2 3 4 5 International Rectifier
ISL55190Single and Dual Ultra-Low Noise Ultra-Low Distortion Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL6549Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
ISL55191Single and Dual Ultra-Low Noise Ultra-Low Distortion Rail-to-Rail Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL59837200MHz Single Supply Video Driver With Charge Pump and Power Down 1 2 3 4 5 MoreIntersil Corporation
ICM756112/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output 1 2 3 4 5 MoreIC MICROSYSTEMS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl