Selected language     English  ▼


4-1393273-9 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 4-1393273-9
Description  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 5 page
background image
PCB relays
Single relays
Mini power relay K (open and sealed)
Please observe the disclaimer.
104
Catalog 1308028
Issued 01-05
Coil data
Available for nominal voltages
12, 24 V
(other coils on request)
Nominal power consumption of the unsuppressed coil at nominal voltage
1.1 W
Test voltage winding/contact
500 VACrms
Maximum ambient temperature range1)
– 40 to + 85 °C
Operate time at nominal voltage 2)
Typ. 3 ms
Release time at nominal voltage
Typ. 1.5 ms
1)
See also operating voltage range diagram
2)
Measured at nominal voltage without coil suppression unit
N.B.
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.
Mechanical data
Enclosure
Sealed relay is suitable for immersion cleaning of PCB assembly or conformal coating.
Sealed
Please refer to the Application Recommendations in this catalog.
Operating voltage range
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
Operating conditions
Temperature range, storage
-40 °C to 155 °C
Test
Relevant standard
Testing as per
Dimension
Comments
Climatic cycling with condensation1)
EN ISO 6988
20 cycles
Storage 8/16 h
Temperature cycling1)
IEC 68-2-14
Na
20 cycles
– 40/+ 85 ˚C (dwell time 1 h)
Damp heat1)
constant
IEC 68-2-3
Ca
56 days
Upper air temperature 55 °C
Corrosive gas1)
IEC 68-2-42
10 days
IEC 68-2-43
10 days
Vibration resistance
IEC 68-2-6 (sine pulse form)
10 … 200 Hz
No change in the
acceleration, acc. to position
23 … 35 g
switching state > 10
µs
Shock resistance
IEC 68-2-27 (half-sine pulse form)
4 … 6 ms
No change in the
acceleration
23 … 280 g
switching state > 10
µs
Solderability
IEC 68-2-20
Ta, Method 1
Aging 3 (4 h/155 °C)
Dewetting
Resistance to soldering heat
IEC 68-2-20
Tb, Method 1A
10 s ± 1 s
with thermal screen
Sealing1)
IEC 68-2-17
Qc, Method 2
1 min / 70 °C
Flammability
UL94-HB
1) only sealed version




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PVG612AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 2.0A AC/ 4.0 A DC 1 2 3 4 5 International Rectifier
PVN012APBFMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-20V 4.0A AC/ 6.0A DC 1 2 3 4 5 International Rectifier
PVT412AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-400V 240mA AC / 360mA DC 1 2 3 4 5 International Rectifier
PVDZ172N_06Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V DC 1.5A 1 2 3 4 5 International Rectifier
ISL55190Single and Dual Ultra-Low Noise Ultra-Low Distortion Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL6549Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
ISL55191Single and Dual Ultra-Low Noise Ultra-Low Distortion Rail-to-Rail Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL59837200MHz Single Supply Video Driver With Charge Pump and Power Down 1 2 3 4 5 MoreIntersil Corporation
ICM756112/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output 1 2 3 4 5 MoreIC MICROSYSTEMS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl