Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPDL-1414 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HPDL-1414
Description  Four Character Smart Alphanumeric Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPDL-1414 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HPDL-1414_00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
• Smart Alphanumeric Display
Built-in RAM, ASCII Decoder
and LED Drive Circuitry
• Wide Operating Temperature
Range
–40
°C to +85°C
• Fast Access Time
160 ns
• Excellent ESD Protection
Built-in Input Protection Diodes
• CMOS IC for Low Power
Consumption
• Full TTL Compatibility Over
Operating Temperature
Range
VIL = 0.8 V
VIH = 2.0 V
• Wave Solderable
• Rugged Package
Construction
• End-Stackable
• Wide Viewing Angle
Typical Applications
• Portable Data Entry Devices
• Medical Equipment
• Process Control Equipment
• Test Equipment
• Industrial Instrumentation
• Computer Peripherals
• Telecommunication
Instrumentation
Description
The HPDL-1414 is a smart, four
character, sixteen-segment, red
GaAsP display. The HPDL-1414
has a character height of
2.85 mm (0.112"). The on-board
CMOS IC contains memory, ASCII
decoder, multiplexing circuitry
and drivers. The monolithic LED
characters are magnified by an
immersion lens which increases
both character size and luminous
intensity. The encapsulated dual-
in-line package provides a
rugged, environmentally sealed
unit.
The HPDL-1414 incorporates
many improvements over
competitive products. It has a
wide operating temperature
range, very fast IC access time,
and improved ESD protection.
The displays are also fully TTL
compatible, wave solderable, and
highly reliable. These displays are
ideally suited for industrial and
commercial applications where a
good-looking, easy-to-use
alphanumeric display is required.
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED
WITH THE HPDL-1414.
Four Character Smart
Alphanumeric Displays
HPDL-1414
Technical Data


Similar Part No. - HPDL-1414_00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HPDL-1414 AVAGO-HPDL-1414 Datasheet
388Kb / 8P
   Built-in input protection diodes
More results

Similar Description - HPDL-1414_00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com