Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1393273-6 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 7-1393273-6
Description  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-1393273-6 Datasheet(HTML) 3 Page - Tyco Electronics

  7-1393273-6 Datasheet HTML 1Page - Tyco Electronics 7-1393273-6 Datasheet HTML 2Page - Tyco Electronics 7-1393273-6 Datasheet HTML 3Page - Tyco Electronics 7-1393273-6 Datasheet HTML 4Page - Tyco Electronics 7-1393273-6 Datasheet HTML 5Page - Tyco Electronics 7-1393273-6 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PCB relays
Single relays
Mini power relay K (sealed)
Please observe the disclaimer.
102
Catalog 1308028
Issued 01-05
Dimensional drawing
Sealed version
Terminals tinned
The Nipp-off-pin may be
removed after soldering
and washing
(for ventilation)
additional tin tops
Nipp-off-pin
Tyco1112-3
.756
±.012
(19.2
±0.3)
.118
±.012 *)
(3
±0.3)
.012
±.008
(0.3
±0.2)
.018
±.016
(0.45
±0.4)
.579
±.012
(14.7
±0.3)
.665
±.012
(16.9
±0.3)
*)
max .039 inch (1 mm)
ECR2210-X
.033
±.002
(0.85
±0.06)
.181
±.008
(4.6
±0.2)
.033
±.002
(0.85
±0.06)
2 x Ø .033
±.002
(0.85
±0.05)
Ø .079
±.004
(Ø 2
±0.1)
.075
±.008
(1.9
±0.2)
.354
±.008
(9
±0.2)
.030
±.002
(0.75
±0.06)
4 x .022
±.002
(0.55
±0.05)
View of the terminals (Bottom view)
ECR0598-P
.106
±.016
(2.7
±0.4)
.094
±.024
(2.4
±0.6)
Ø .512 +.004
(1.3 +0.1)
.049 … .050
(1.25 … 1.27)
Mounting holes
View of the terminals (Bottom view)
Grid 1.25 … 1.27 mm
Assembly and
positioning aid


Similar Part No. - 7-1393273-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1393277-3 MACOM-7-1393277-3 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
7-1393277-3 MACOM-7-1393277-3 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
7-1393277-9 MACOM-7-1393277-9 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
7-1393277-9 MACOM-7-1393277-9 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results

Similar Description - 7-1393273-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23201 MACOM-V23201 Datasheet
420Kb / 5P
   Power Relay PK2 (THT ??THR) Single Relays PCB Relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
1393278-7 MACOM-1393278-7 Datasheet
653Kb / 4P
   Power Relay K (Open ??Sealed)
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
   PCB Power Relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
   PCB Power Relays
0722/0221
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com