Selected language     English  ▼


7-1393273-6 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 7-1393273-6
Description  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 6 page
background image
PCB relays
Single relays
Mini power relay K (open and sealed)
Please observe the disclaimer.
105
Catalog 1308028
Issued 01-05
Ordering information
Coil versions
Standard delivery packs (orders in multiples of delivery pack)
Mini K open:
600 pieces
Mini K sealed:
504 pieces
Coil
Rated coil
Coil resistance
Must
Must
Allowable overdrive 1)
data for
voltage
+/- 10%
operate voltage
release voltage
voltage (V)
Mini K
(V)
(
Ω)
(V)
(V)
at 23 °C
at 85 °C
Open and sealed V23072-**061-****
12
130
6.9
1.2
19.2
14.9
V23072-**062-****
24
520
14.1
2.4
38.4
29.8
1)
Allowable overdrive is stated with no load applied and minimum coil resistance.
Part numbers
(see table below for coil data)
Contact
Contact
Enclosure
Terminals
Relay part number
Tyco order number
arrangement
material
V23072-A1061-A303
3-1393272-2
Form C
AgNi0.15
Open
Printed circuit
V23072-A1062-A303
5-1393272-2
Form C
AgNi0.15
Open
Printed circuit
V23072-A1061-A308
3-1393272-6
Form U, X
AgNi0.15
Open
Printed circuit
V23072-A1062-A308
5-1393272-3
Form U, X
AgNi0.15
Open
Printed circuit
V23072-C1061-A302
4-1393273-9
Form A
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A302
7-1393273-6
Form A
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A303
5-1393273-0
Form C
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A303
7-1393273-8
Form C
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A308
6-1393273-0
Form U, X
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A308
8-1393273-2
Form U, X
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A402
2-1416001-0
Form A
AgSnO2
Sealed
Printed circuit
V23072-C1061-A408
1-1416001-4
Form U, X
AgSnO2
Sealed
Printed circuit




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PVG612AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 2.0A AC/ 4.0 A DC 1 2 3 4 5 International Rectifier
PVN012APBFMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-20V 4.0A AC/ 6.0A DC 1 2 3 4 5 International Rectifier
PVT412AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-400V 240mA AC / 360mA DC 1 2 3 4 5 International Rectifier
PVDZ172N_06Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V DC 1.5A 1 2 3 4 5 International Rectifier
ISL55190Single and Dual Ultra-Low Noise Ultra-Low Distortion Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL6549Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
ISL55191Single and Dual Ultra-Low Noise Ultra-Low Distortion Rail-to-Rail Low Power Op Amp 1 2 3 4 5 MoreIntersil Corporation
ISL59837200MHz Single Supply Video Driver With Charge Pump and Power Down 1 2 3 4 5 MoreIntersil Corporation
ICM756112/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output 1 2 3 4 5 MoreIC MICROSYSTEMS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl