Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR40D-27S27-UM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MR40D-27S27-UM
Description  DC/DC converters MISTRAL Series MR40, MR40-T
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MR40D-27S27-UM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MR40D-27S27-UM Datasheet HTML 1Page - List of Unclassifed Manufacturers MR40D-27S27-UM Datasheet HTML 2Page - List of Unclassifed Manufacturers MR40D-27S27-UM Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.aeps-group.com
e-mail: aeps@aeps-group.com
tel/fax: +420-266-107-609
According to company politics in view of constant improvements production design the
manufacturer reserves the right to itself without the prior notification to change the contents
of present help materials.
© "Alexander Eleсtriс holding". All rights reserved. 31.03.2008
http://www.aeps-group.com
e-mail: alexdon@vmail.ru
tel/fax (4732) 519-518
DC/DC converters
MISTRAL Series MR40, MR40-T
BKJU.436610.011
Single-output models
Module
Input voltage range
Output power
Output voltage
Maximal output current
MR40D-12S05-UM
5 VDC
8 A
MR40D-12S15-UM
15 VDC
2,67 A
MR40D-12S24-UM
24 VDC
1,67 A
MR40D-12S27-UM
10,5…18 VDC
40 W
27 VDC
1,48 A
MR40D-24S05-UM
5 VDC
8 A
MR40D-24S15-UM
15 VDC
2,67 A
MR40D-24S24-UM
24 VDC
1,67 A
MR40D-24S27-UM
18…36(40) VDC
40 W
27 VDC
1,48 A
MR40D-27S05-UM
5 VDC
8 A
MR40D-27S15-UM
15 VDC
2,67 A
MR40D-27S24-UM
24 VDC
1,67 A
MR40D-27S27-UM
17…36(80) VDC
40 W
27 VDC
1,48 A
MR40D-48S05-UM
5 VDC
8 A
MR40D-48S15-UM
15 VDC
2,67 A
MR40D-48S24-UM
24 VDC
1,67 A
MR40D-48S27-UM
36…75 VDC
40 W
27 VDC
1,48 A
Dual-output models
Module
Input voltage range
Output power
Output voltage
Maximal output current
MR40D-12D0512-UM
5 VDC / 12 VDC
4 A / 1,67 A
MR40D-12D0515-UM
5 VDC / 15 VDC
4 A / 1,33 A
MR40D-12D1515-UM
10,5…18 VDC
40 W
15 VDC / 15 VDC
1,33 A / 1,33 A
MR40D-24D0512-UM
5 VDC / 12 VDC
4 A / 1,67 A
MR40D-24D0515-UM
5 VDC / 15 VDC
4 A / 1,33 A
MR40D-24D1515-UM
18…36(40) VDC
40 W
15 VDC / 15 VDC
1,33 A / 1,33 A
MR40D-27D0512-UM
5 VDC / 12 VDC
4 A / 1,67 A
MR40D-27D0515-UM
5 VDC / 15 VDC
4 A / 1,33 A
MR40D-27D1515-UM
17…36(80) VDC
40 W
15 VDC / 15 VDC
1,33 A / 1,33 A
MR40D-48D0512-UM
5 VDC / 12 VDC
4 A / 1,67 A
MR40D-48D0515-UM
5 VDC / 15 VDC
4 A / 1,33 A
MR40D-48D1515-UM
36…75 VDC
40 W
15 VDC / 15 VDC
1,33 A / 1,33 A
By request can be delivered modules with non-standard output voltage 3 to 80VDC and with maximal output current to 8А.
• Completely replace power-supply modules
MDM30-P series on dimensions and purpose of
conclusions and have the improved characteristics
Working temperature range from -60°C to +125°C
Single and dual-output models
Output voltage regulation
Short circuit protection, overvoltage and thermal
protection
Remote on/off
Coefficient of efficiency 82%
Small size, low-profile
Metal case
Cooling by free air convection or a heat sink using
Galvanic isolated outputs
Ordering information
MR 40 D – 24 S 12 U T
- Mistral Series
- Maximum output power, W
(limiting capacity is designated on the case
for the given standard size, stipulated at the
order)
- Voltage transformation class
D – DC/DC
- Nominal input voltage
12 (10,5…18) VDC
24 VDC(18…36) VDC
27 VDC(17…36) VDC
48 VDC(36…75) VDC
- Output channels quantity
S – one
D – two
- Nominal output voltage, VDC
(two numbers on channel)
- Embodiment
U - reinforced aluminium frame with flanges
- Operating temperature range
M - -60°С…+85°С
T - -60°С…+125°С


Similar Part No. - MR40D-27S27-UM

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MR4010 SHINDENGEN-MR4010 Datasheet
1Mb / 43P
   Partial Resonance Power Supply ICModule
MR4020 SHINDENGEN-MR4020 Datasheet
1Mb / 43P
   Partial Resonance Power Supply ICModule
logo
Mechatronics, Inc.
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
   UL94V-0 plastic impeller and frame
MR4020E MECHATRONICS-MR4020E Datasheet
497Kb / 1P
   UL94V-0 plastic impeller and frame
MR4020H MECHATRONICS-MR4020H Datasheet
497Kb / 1P
   UL94V-0 plastic impeller and frame
More results

Similar Description - MR40D-27S27-UM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS1R5 ETC-PS1R5 Datasheet
765Kb / 2P
   1.5Watt Series DC/DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com