Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4054X-4.2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4054X-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4054X-4.2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4054X-4.2 Datasheet HTML 6Page - Linear Technology LTC4054X-4.2 Datasheet HTML 7Page - Linear Technology LTC4054X-4.2 Datasheet HTML 8Page - Linear Technology LTC4054X-4.2 Datasheet HTML 9Page - Linear Technology LTC4054X-4.2 Datasheet HTML 10Page - Linear Technology LTC4054X-4.2 Datasheet HTML 11Page - Linear Technology LTC4054X-4.2 Datasheet HTML 12Page - Linear Technology LTC4054X-4.2 Datasheet HTML 13Page - Linear Technology LTC4054X-4.2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC4054-4.2/LTC4054X-4.2
405442xf
APPLICATIO S I FOR ATIO
Stability Considerations
The constant-voltage mode feedback loop is stable with-
out an output capacitor provided a battery is connected to
the charger output. With no battery present, an output
capacitor is recommended to reduce ripple voltage. When
using high value, low ESR ceramic capacitors, it is recom-
mended to add a 1
Ω resistor in series with the capacitor.
No series resistor is needed if tantalum capacitors are
used.
In constant-current mode, the PROG pin is in the feedback
loop, not the battery. The constant-current mode stability
is affected by the impedance at the PROG pin. With no
additional capacitance on the PROG pin, the charger is
stable with program resistor values as high as 20k. How-
ever, additional capacitance on this node reduces the
maximum allowed program resistor. The pole frequency
at the PROG pin should be kept above 100kHz. Therefore,
if the PROG pin is loaded with a capacitance, CPROG, the
following equation can be used to calculate the maximum
resistance value for RPROG:
R
C
PROG
PROG
π
1
2105
••
Average, rather than instantaneous, charge current may
be of interest to the user. For example, if a switching power
supply operating in low current mode is connected in
parallel with the battery, the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
filter can be used on the PROG pin to measure the average
battery current as shown in Figure 2. A 10k resistor has
been added between the PROG pin and the filter capacitor
to ensure stability.
Power Dissipation
The conditions that cause the LTC4054 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of
this power dissipation is generated by the internal
MOSFET—this is calculated to be approximately:
PD = (VCC – VBAT) • IBAT
where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which
the thermal feedback begins to protect the IC is:
TA = 120°C – PDθJA
TA = 120°C – (VCC – VBAT) • IBAT • θJA
Example: An LTC4054 operating from a 5V USB supply is
programmed to supply 400mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.75V. Assum-
ing
θJAis150°C/W(seeBoardLayoutConsiderations),the
ambient temperature at which the LTC4054 will begin to
reduce the charge current is approximately:
TA = 120°C – (5V – 3.75V) • (400mA) • 150°C/W
TA = 120°C – 0.5W • 150°C/W = 120°C – 75°C
TA = 45°C
PROG
10k
RPROG
CFILTER
405442 F02
CHARGE
CURRENT
MONITOR
CIRCUITRY
LTC4054
GND
Figure 2. Isolating Capacitive Load on PROG Pin and Filtering


Similar Part No. - LTC4054X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4054X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com