Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6997D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6997D
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6997D Datasheet HTML 4Page - STMicroelectronics L6997D Datasheet HTML 5Page - STMicroelectronics L6997D Datasheet HTML 6Page - STMicroelectronics L6997D Datasheet HTML 7Page - STMicroelectronics L6997D Datasheet HTML 8Page - STMicroelectronics L6997D Datasheet HTML 9Page - STMicroelectronics L6997D Datasheet HTML 10Page - STMicroelectronics L6997D Datasheet HTML 11Page - STMicroelectronics L6997D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
L6997
8/23
Eq 6
Where
∆VOUT is the output ripple and ∆VINT is the ripple wanted at the INT pin (100mV typ).
Figure 4. Integrator loop block diagram
Respect to a traditional PWM controller, that has an internal oscillator setting the switching frequency, in a hys-
teretic system the frequency can change with some parameters (input voltage, output current). In L6997 is im-
plemented the voltage feed-forward circuit that allows constant switching frequency during steady-sate
operation with the input voltage variation. There are many factors affecting switching frequency accuracy in
steady-state operation. Some of these are internal as dead times, which depend on high side MOSFET driver.
Others related to the external components as high side MOSFET gate charge and gate resistance, voltage
drops on supply and ground rails, low side and high side RDSON and inductor parasitic resistance.
During a positive load transient, (the output current increases), the converter switches at its maximum frequency
(the period is TON+TOFFmin) to recover the output voltage drop. During a negative load transient, (the output
current decreases), the device stops to switch (high side MOSFET remains off).
1.3 Transition from PWM to PFM/PSK
To achieve high efficiency at light load conditions, PFM mode is provided. The PFM mode differs from the PWM
mode essentially for the off section; the on section is the same. In PFM after a turn-on cycle the system turns-
on the low side MOSFET, until the inductor current reaches the zero A value, when the zero-crossing compar-
ator turns off the low side MOSFET. In this way the energy stored in the output capacitor will not flow to ground,
through the low side MOSFET, but it will flow to the load. In PWM mode, after a turn on cycle, the system keeps
the low side MOSFET on until the next turn-on cycle, so the energy stored in the output capacitor will flow
through the low side MOSFET to ground. The PFM mode is naturally implemented in hysteretic controller, in
fact in PFM mode the system reads the output voltage with a comparator and then turns on the high side MOS-
FET when the output voltage goes down a reference value. The device works in discontinuous mode at light
load and in continuous mode at high load. The transition from PFM to PWM occurs when load current is around
half the inductor current ripple. This threshold value depends on VIN, L, and VOUT. Note that the higher the in-
C
IN T 2
C
IN T 1
----------------
V
OUT
V
IN T
------------------
=
PCB TRACES
LOAD
From Vsense
Q
Cint1
R1
INT
Vref
FB
DS
R
S
Vout
Vin
HGATE
LGATE
Q
OSC
Vref
One-shot generator
FFSR
PWM comparator
Vsense
Gndsense
R2
Cint2
HS
LS
Integrator amplifier
+
-
-
+
+
-


Similar Part No. - L6997D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6997S STMICROELECTRONICS-L6997S Datasheet
515Kb / 30P
   STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
L6997STR STMICROELECTRONICS-L6997STR Datasheet
515Kb / 30P
   STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
More results

Similar Description - L6997D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6997S STMICROELECTRONICS-L6997S Datasheet
515Kb / 30P
   STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Maxim Integrated Produc...
MAX1637 MAXIM-MAX1637 Datasheet
211Kb / 20P
   Miniature, Low-Voltage, Precision Step-Down Controller
19-1321; Rev 1; 2/98
logo
Texas Instruments
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com