Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858W Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BC858W
Description  PNP Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC858W Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BC858W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC858W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC858W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor
BC856W/BC857W/BC858W
Document number: BL/SSSTF046
www.galaxycn.com
Rev.A
1
FEATURES
Ideally suited for automatic insertion.
Power dissipation.(PC=200mW)
APPLICATIONS
General purpose switching and amplification application.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
BC856W
3As/3Bs
SOT-323
BC857W
3E/3F/3G
SOT-323
BC858W
3J/3K/3L
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
BC856W
BC857W
BC858W
-80
-50
-30
V
VCEO
Collector-Emitter Voltage
BC856W
BC857W
BC858W
-65
-45
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-100
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-65~150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Pb
Lead-free


Similar Part No. - BC858W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC858W KEC-BC858W Datasheet
248Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC858W KEC-BC858W Datasheet
356Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Infineon Technologies A...
BC858W INFINEON-BC858W Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Galaxy Semi-Conductor H...
BC858W BILIN-BC858W Datasheet
249Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
BC858W DIOTEC-BC858W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC858W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com