Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26JB1000A Datasheet(PDF) 1 Page - International Rectifier

Part # 26JB1000A
Description  SINGLE PHASE BRIDGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

26JB1000A Datasheet(HTML) 1 Page - International Rectifier

  26JB1000A Datasheet HTML 1Page - International Rectifier 26JB1000A Datasheet HTML 2Page - International Rectifier 26JB1000A Datasheet HTML 3Page - International Rectifier 26JB1000A Datasheet HTML 4Page - International Rectifier 26JB1000A Datasheet HTML 5Page - International Rectifier 26JB1000A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SINGLE PHASE BRIDGE
Power Modules
10 A
25 A
35 A
MB & JB SERIES
1
Bulletin I2715 rev. E 08/97
www.irf.com
Features
Universal, 3 way terminals:
push-on, wrap around or solder
High thermal conductivity package,
electrically insulated case
Center hole fixing
Excellent power/volume ratio
UL E 62320 approved
Description
A range of extremely compact, encapsulated single
phase bridge rectifiers offering efficient and reliable
operation. They are intended for use in general
purpose and instrumentation applications.
Parameters 100JB-L 26MB-A 36MB-A
Units
250JB-L 35MB-A
Major Ratings and Characteristics
I
O
10
25
35
A
@ T
C
65
65
60
oC
I
FSM
@50Hz
148
400
475
A
@ 60Hz
155
420
500
A
I2t
@ 50Hz
110
790
1130
A2s
@ 60Hz
100
725
1030
A2s
VRRM range
50 to 1600
V
T
J
-40 to 150
oC


Similar Description - 26JB1000A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
   SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
26MB IRF-26MB Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
   SINGLE PHASE BRIDGE
logo
International Rectifier
GBPC IRF-GBPC Datasheet
131Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
   SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
   SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
   SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com