Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C7V5 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BZX84C7V5
Description  350mW Surface Mount Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZX84C7V5 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BZX84C7V5 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZX84C7V5 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZX84C7V5 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BZX84C7V5 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BZX84C7V5 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BL Galaxy Electrical
Production specification
350mW Surface Mount Zener Diode
BZX84C2V4-BZX84C51
Document number: BL/SSZDC045
www.galaxycn.com
Rev.A
1
FEATURES
Planar Die Construction.
350mw Power Dissipation.
Zener Voltages From 2.4V -51V
Ideally Suited For Automated Assembly Prcesses.
APPLICATIONS
350Mw Surface mount zener diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BZX84C2V4-BZX84C51
See Table on page2
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Valtage@IF=10mA
VF
0.9
V
Power Dissipation
Pd
350
mW
Thermal Resistance, Junction to Ambient Air
RθjA
357
℃/W
Operating and Storage Temperature Range
TjTstg
-65 to+150
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300μs pulse width, period = 5ms.
3. f = 1KHz.
Pb
Lead-free


Similar Part No. - BZX84C7V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C7V5 VISHAY-BZX84C7V5 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C7V5 BWTECH-BZX84C7V5 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Guilin Strong Micro-Ele...
BZX84C7V5 GSME-BZX84C7V5 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Central Semiconductor C...
BZX84C7V5 CENTRAL-BZX84C7V5 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
Dongguan City Niuhang E...
BZX84C7V5 NIUHANG-BZX84C7V5 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results

Similar Description - BZX84C7V5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com