Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7250 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 3 Page - STMicroelectronics

  L7250 Datasheet HTML 1Page - STMicroelectronics L7250 Datasheet HTML 2Page - STMicroelectronics L7250 Datasheet HTML 3Page - STMicroelectronics L7250 Datasheet HTML 4Page - STMicroelectronics L7250 Datasheet HTML 5Page - STMicroelectronics L7250 Datasheet HTML 6Page - STMicroelectronics L7250 Datasheet HTML 7Page - STMicroelectronics L7250 Datasheet HTML 8Page - STMicroelectronics L7250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
3/46
L7250
13
25_BASE
O5
Reg 1.8V ext NPN base
14
25_FEED
I5
Reg 1.8V feedback
15
33_BASE
O5
Reg 3.3V ext NPN base
16
33_FEED
IO5
Reg 3.3 V feedback
17
CPOR
IO5
POR delay capacitor
18
NPOR
O5
POR output signal
19
CBRAKE
IO5
Spindle brake capacitor
20
AGND
gnd
analog gnd
21
VREF25
IO5
2.5V reference
22
ZC
O5
Spindle zero crossing
23
Skin
I5
Shock sensor input
24
Skout
O5
Shock sensor 1st opamp output
25
SkFin
I5
Shock sensor filter input
26
SkFout
O5
Shock sensor filter output
27
SkDout
O5
Shock sensor output
28
Timer1
IO5
Timer 1 for unload procedure
29
CalCoarse
I5
VCM BEMF coarse calibration
30
ADaux
I5
auxiliary input for the ADC
31
VCMBEMF
O5
VCM BEMF processor output
32
Test
IO5
used for testing porpouse (*)
33
SEN
I5
Serial enable
34
SDATA
IO5
Serial data
35
SYSClk
I5
System clock
36
SCLK
I5
Serial clock
37
DAC_OUT
O5
VCM DAC output
38
ERR_IN
I5
VCM error opamp input
39
ERR_OUT
O5
VCM error opamp output
40
SNS_OUT
O5
VCM sense opamp output
41
SNS_P
I12
VCM sense opamp positive input
42
SNS_N
I12
VCM sense opamp negative input
43
VCMGND3
gnd
VCM power ground
PIN DESCRIPTION (continued)
Pin
V
Description


Similar Part No. - L7250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
Intel Corporation
L7200 INTEL-L7200 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
STMicroelectronics
L7203 STMICROELECTRONICS-L7203 Datasheet
170Kb / 13P
   SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
L7203S STMICROELECTRONICS-L7203S Datasheet
170Kb / 13P
   SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
More results

Similar Description - L7250

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
   Spindle/VCM Controller and Pre-driver
logo
Hitachi Semiconductor
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
Hitachi Semiconductor
HA13571FR HITACHI-HA13571FR Datasheet
103Kb / 22P
   Combo (Spindle & VCM) Driver for HDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com