Selected language     English  ā–¼


KTD1304 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part No. KTD1304
Description  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage  http://www.galaxycn.com
Logo 

   
 3 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Epitaxial Planar Transistor
KTD1304
Document number: BL/SSSTC113
www.galaxycn.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
G
K
H
J
E
D
C
B
A




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2SC6081NPN Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching 1 2 3 4 Sanyo Semicon Device
2SC6099NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3234NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
GJSD1802NPN EPITAXIAL PLANAR SILICON TRANSISTOR 1 2 3 GTM CORPORATION
CPH3235NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
MCH3217NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
SUR503EF_1Epitaxial planar NPN silicon transistor 1 2 3 AUK corp
GJSD1803NPN EPITAXIAL PLANAR SILICON TRANSISTOR 1 2 3 GTM CORPORATION
CPH3246NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl