Electronic Components Datasheet Search |
|
ISL84715 Datasheet(PDF) 3 Page - Intersil Corporation |
|
ISL84715 Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 10 page 3 FN6087.2 November 17, 2004 Absolute Maximum Ratings Thermal Information V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.8V Input Voltages NO, NC, IN (Note 2). . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V) Output Voltages COM (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V) Continuous Current NO, NC, or COM . . . . . . . . . . . . . . . . . ±300mA Peak Current NO, NC, or COM (Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . . ± 600mA ESD Rating: HBM > . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V CDM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1000V Operating Conditions Temperature Range ISL8471XIH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C Thermal Resistance (Typical, Note 3) θJA (°C/W) 5 Ld SC70 Package . . . . . . . . . . . . . . . . . . . . . . . . . 660 Maximum Junction Temperature (Plastic Package). . . . . . . . 150°C Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to 150°C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C (Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 2. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings. 3. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications - 3V Supply Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified PARAMETER TEST CONDITIONS TEMP (°C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG Full 0 - V+ V ON Resistance, RON V+ = 2.7V, ICOM = 100mA, VNO or VNC = 1.5V (See Figure 4) 25 - 0.26 0.4 Ω Full - - 0.45 Ω RON Flatness, RFLAT(ON) V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0.6V, 1.5V, 2.1V (Note 7) 25 - 0.038 0.07 Ω Full - - 0.09 Ω NO or NC OFF Leakage Current, INO(OFF) or INC(OFF) V+ = 3.3V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V 25 -3 - 3 nA Full -20 - 20 nA COM OFF Leakage Current, ICOM(OFF) V+ = 3.3V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V 25 -3 - 3 nA Full -20 - 20 nA COM ON Leakage Current, ICOM(ON) V + = 3.3V, VCOM = 0.3V, 3V, or VNO or VNC = 0.3V, 3V, or Floating 25 -3 - 3 nA Full -35 - 35 nA DYNAMIC CHARACTERISTICS Turn-ON Time, tON V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF (See Figure 1, Note 8) 25 - 9 12 ns Full - - 15 ns Turn-OFF Time, tOFF V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF (See Figure 1, Note 8) 25 - 5 8 ns Full - - 11 ns Charge Injection, Q VG = V+/2, RG = 0Ω,CL = 1.0nF (See Figure 2) 25 - 70 - pC OFF Isolation RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VRMS (See Figure 3) 25 - -45 - dB Total Harmonic Distortion f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32Ω 25 - 0.003 - % NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5) 25 - 68 - pF COM OFF Capacitance, CCOM(OFF) f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5) 25 - 68 - pF COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5) 25 - 160 - pF ISL84715, ISL84716 |
Similar Part No. - ISL84715 |
|
Similar Description - ISL84715 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |