Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97634IRT18Z-TK Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97634IRT18Z-TK
Description  White LED Driver with Wide PWM Dimming Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634IRT18Z-TK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97634IRT18Z-TK Datasheet HTML 1Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 2Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 3Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 4Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 5Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 6Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 7Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 8Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN6264.3
March 7, 2008
Detailed Description
The ISL97634 uses a constant frequency, current mode
control scheme to provide excellent line and load
regulation. There are three OVP models for driving 3, 4
and 7 LEDs (3.5V/20mA type) and their OVP thresholds
are set at 14V, 18V and 26V respectively. The ISL97634
operates from an input voltage of 2.4V to 5.5V and ambient
temperature from -40°C to +85°C. The switching frequency
is around 1.45MHz and allows the driver circuit to employ
small LC components. The peak forward current of the LED
is set using the RSET resistor. In the steady state mode, the
LED peak current is given by Equation1:
PWM Dimming
The ISL97634’s PWM/EN pin can be tied permanently to
high for a fixed current operation. On the other hand, the
ISL97634 can be applied with an external PWM signal to
pulse width modulated output current. It is well understood
that the LED brightness is a linear function of the LED
current. In addition, the average LED current corresponds to
the duty cycle “D” of the PWM signal as shown in
Equation 2:
As a result, PWM signal provides a means to dim the LED
brightness. PWM dimming offers the best LEDs matching
over DC dimming. It is because the LED peak current
operating point is far away from the knee of the diode I-V
curve where part to part variations are high. The PWM
dimming test results are shown in Figure 6 with two PWM
frequencies, 1kHz and 20kHz. The vertical scale parameter
FB is proportional to the current and therefore the
brightness.
For the ISL97634, PWM dimming provides linear dimming
adjustment with low frequency signal, such as 1kHz and
FIGURE 7. PWM DIMMING AT 1kHz, D = 1% ZOOM IN
FIGURE 8. PWM DIMMING AT 1kHz, D = 99%
FIGURE 9. PWM DIMMING AT 20kHz, D = 50%
ILED
PWM/EN
LX
VOUT
VIN = 4V
R1 = 4Ω
L1 = 22µH
ILED
PWM/EN
LX
VOUT
VIN = 4V
R1 = 4Ω
L1 = 22µH
ILED
PWM/EN
LX
VOUT
VIN = 4V
L1 = 22µH
R1 = 4Ω
I
LED
V
FB
R
SET
---------------
=
(EQ. 1)
I
LED-AVG
V
FB
R
SET
--------------- D
=
(EQ. 2)
ISL97634


Similar Part No. - ISL97634IRT18Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT18Z-TK INTERSIL-ISL97634IRT18Z-TK Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT18Z-TK INTERSIL-ISL97634IRT18Z-TK Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634IRT18Z-TK RENESAS-ISL97634IRT18Z-TK Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
More results

Similar Description - ISL97634IRT18Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com