Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97634IRT18Z-TK Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97634IRT18Z-TK
Description  White LED Driver with Wide PWM Dimming Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634IRT18Z-TK Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97634IRT18Z-TK Datasheet HTML 1Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 2Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 3Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 4Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 5Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 6Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 7Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 8Page - Intersil Corporation ISL97634IRT18Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6264.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006-2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL97634
White LED Driver with Wide PWM
Dimming Range
The ISL97634 represents an efficient and highly integrated
PWM boost LED driver that is suitable for 1.8” to 3.5” LCDs
that employ 2 to 7 white LEDs for backlighting. With
integrated Schottky diode, OVP, and wide range of PWM
dimming capability, the ISL97634 provides a simple, reliable,
and flexible solution to the backlight designers.
The ISL97634 features a wide range of PWM dimming
control capability. It allows dimming frequency as low as DC
to 32kHz beyond audible spectrum. The ISL97634 also
features a feedback disconnect switch to prevent the output
from being modulated by the PWM dimming signal that
minimizes system disturbance.
The ISL97634 is available in the 8 Ld TDFN (2mmx3mm)
package. There are 14V, 18V, and 26V OVP options that are
suitable for 3 LEDS, 4 LEDs, and 7 LEDs (3.5V/20mA type)
backlight applications respectively. The ISL97634 is
specified for operation over the -40°C to +85°C ambient
temperature at input voltage from 2.4V to 5.5V.
Pinout
ISL97634
(8 LD TDFN)
TOP VIEW
Typical Application Circuit
Features
• Drives Up to 7 LEDs in Series (3.5V/20mA type)
• OVP (14V, 18V, and 26V for 3, 4 and 7 LEDs Applications)
• PWM Dimming Control From DC to 32kHz
• Output Disconnect Switch
• Integrated Schottky Diode
• 2.4V to 5.5V Input
• 85% Efficiency
• 1.4MHz Switching Frequency Allows Small LC
• 1µA Shutdown Current
• Internally Compensated
• 8 Ld TDFN (2mmx3mm)
• Pb-Free (RoHS Compliant)
Applications
• LED Backlighting for:
- Cell phones
- Smartphones
-MP3
-PMP
- Automotive Navigation Panel
- Portable GPS
2
3
4
1
7
6
5
8
GND
VIN
PWM/EN
NC
LX
VOUT
FBSW
FB
VIN
LX
FBSW
GND
VIN
PWM/EN
FB
VOUT
NC
10µH or 22µH
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
Tape & Reel
PKG.
DWG.
#
ISL97634IRT14Z-T
ELE
8 Ld 2x3 TDFN
L8.2x3A
ISL97634IRT14Z-TK
ELE
8 Ld 2x3 TDFN
L8.2x3A
ISL97634IRT18Z-T
ELF
8 Ld 2x3 TDFN
L8.2x3A
ISL97634IRT18Z-TK
ELF
8 Ld 2x3 TDFN
L8.2x3A
ISL97634IRT26Z-T
ELG
8 Ld 2x3 TDFN
L8.2x3A
ISL97634IRT26Z-TK
ELG
8 Ld 2x3 TDFN
L8.2x3A
*Please refer to TB347 for details on reel specifications
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020..
Data Sheet
March 7, 2008


Similar Part No. - ISL97634IRT18Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT18Z-TK INTERSIL-ISL97634IRT18Z-TK Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT18Z-TK INTERSIL-ISL97634IRT18Z-TK Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634IRT18Z-TK RENESAS-ISL97634IRT18Z-TK Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
More results

Similar Description - ISL97634IRT18Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com