Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59311 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL59311
Description  Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59311 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59311 Datasheet HTML 1Page - Intersil Corporation ISL59311 Datasheet HTML 2Page - Intersil Corporation ISL59311 Datasheet HTML 3Page - Intersil Corporation ISL59311 Datasheet HTML 4Page - Intersil Corporation ISL59311 Datasheet HTML 5Page - Intersil Corporation ISL59311 Datasheet HTML 6Page - Intersil Corporation ISL59311 Datasheet HTML 7Page - Intersil Corporation ISL59311 Datasheet HTML 8Page - Intersil Corporation ISL59311 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6372.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL59311
Differential Video Amplifier with Common
Mode Sync Encoder and Serial Digital
Interface
The ISL59311 is a high bandwidth triple differential amplifier
with integrated encoding of video sync signals. The inputs
are suitable for handling high speed video or other
communications signals in either single-ended or differential
form, and the common-mode input range extends all the way
to the negative rail enabling ground-referenced signaling in
single supply applications. The high bandwidth enables
differential signaling onto standard twisted-pair or coax with
very low harmonic distortion, while internal feedback
ensures balanced gain and phase at the outputs reducing
radiated EMI and harmonics.
Embedded logic encodes standard video horizontal and
vertical sync signals onto the common mode of the twisted
pair(s), transmitting this additional information without the
requirement for additional buffers or transmission lines. The
ISL59311 enables significant system cost savings when
compared with discrete line driver alternatives.
The digital block of the chip is a data transceiver which is
intended to drive one twisted pair line. The maximum
baudrate for this block is 50Mbps.
The ISL59311 is available in a 32 Ld QFN package and is
specified for operation over the -40°C to +85°C temperature
range.
Applications
• Twisted-pair drivers
• Differential line drivers
• VGA over twisted-pair
• Transmission of analog signals in a noisy environment
Features
• Fully differential inputs, outputs, and feedback
• 650MHz -3dB bandwidth
• 1500V/µs slew rate
• -70dB distortion at 20MHz
• Single 5V operation
• 50mA minimum output current
• Low power: 57mA total supply current
• Pb-free plus anneal available (RoHS compliant)
Block Diagram
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL59311IRZ
59311 IRZ
-
32 Ld QFN
L32.5x6A
ISL59311IRZ-T13 59311 IRZ
13”
32 Ld QFN
L32.5x6A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
VINA+
VOUTC+
CMA
CMB
CMC
HSYNC
VSYNC
Disable
Sync to
Common Mode
Translation
+
-
+
-
+
-
TXDATA
GNDD
VCCD
RXDATA
Transmit
SOUT+
SOUT-
SIN-
SIN+
SDATA
VOUTC-
VOUTB+
VOUTB-
VOUTA+
VOUTA-
GNDA
VCCA
VINA-
VINB+
VINB-
VINC+
VINC-
VCCS
+
-
VCCS domain
VCCD domain
VCCA domain
Data Sheet
April 25, 2007


Similar Part No. - ISL59311

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59311 INTERSIL-ISL59311 Datasheet
387Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
ISL59311 INTERSIL-ISL59311 Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
387Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
More results

Similar Description - ISL59311

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
ISL59311 INTERSIL-ISL59311 Datasheet
387Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com