Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59440IA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL59440IA
Description  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IA Datasheet(HTML) 4 Page - Intersil Corporation

  ISL59440IA Datasheet HTML 1Page - Intersil Corporation ISL59440IA Datasheet HTML 2Page - Intersil Corporation ISL59440IA Datasheet HTML 3Page - Intersil Corporation ISL59440IA Datasheet HTML 4Page - Intersil Corporation ISL59440IA Datasheet HTML 5Page - Intersil Corporation ISL59440IA Datasheet HTML 6Page - Intersil Corporation ISL59440IA Datasheet HTML 7Page - Intersil Corporation ISL59440IA Datasheet HTML 8Page - Intersil Corporation ISL59440IA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN6162.2
October 10, 2007
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified.
FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs RL
FIGURE 3. LARGE SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 4. LARGE SIGNAL GAIN vs FREQUENCY vs RL
FIGURE 5. SMALL SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 6. SMALL SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 1.6pF
AV = 1
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
VOUT = 200mVP-P
-5
-4
-3
-2
-1
0
1
2
3
4
5
RF = 332Ω
CL = 7.2pF
CL = 5.5pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
FREQUENCY (Hz)
RL = 1kΩ
AV = 1
VOUT = 200mVP-P
RL = 500Ω
RL = 75Ω
CL= 1.6pF
RF = 332Ω
RL = 150Ω
1M
10M
100M
1G
1M
10M
100M
1G
FREQUENCY (Hz)
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
AV = 2
VOUT = 2VP-P
RG = RF = 511Ω
CL = 5.5pF
CL = 7.2pF
CL = 1.6pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
1M
10M
100M
FREQUENCY (Hz)
RL = 1kΩ
RL = 500Ω
1G
RL = 75Ω
AV = 2
VOUT = 2VP-P
CL = 5.5pF
RG = RF = 511Ω
RL = 75Ω
RL = 150Ω
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 7.2pF
CL = 1.6pF
AV = 1
CL = 5.5pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
VOUT = 200mVP-P
RF = 332Ω
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1M
10M
100M
FREQUENCY (Hz)
RL = 1kΩ
RL = 150Ω
AV = 1
VOUT = 200mVP-P
1G
RL = 75Ω
CL = 1.6pF
RF = 332Ω
RL = 500Ω
ISL59440


Similar Part No. - ISL59440IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59440IA INTERSIL-ISL59440IA Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IA RENESAS-ISL59440IA Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IA-T13 INTERSIL-ISL59440IA-T13 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440IA-T7 INTERSIL-ISL59440IA-T7 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results

Similar Description - ISL59440IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com