Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X96011 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X96011
Description  Temperature Sensor with Look-Up Table Memory and DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96011 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X96011_08 Datasheet HTML 7Page - Intersil Corporation X96011_08 Datasheet HTML 8Page - Intersil Corporation X96011_08 Datasheet HTML 9Page - Intersil Corporation X96011_08 Datasheet HTML 10Page - Intersil Corporation X96011_08 Datasheet HTML 11Page - Intersil Corporation X96011_08 Datasheet HTML 12Page - Intersil Corporation X96011_08 Datasheet HTML 13Page - Intersil Corporation X96011_08 Datasheet HTML 14Page - Intersil Corporation X96011_08 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN8215.2
February 25, 2008
By examining the block diagram in Figure 5, we see that the
maximum current through pin IOUT is set by fixing values for
V(VRef) and R. The output current can then be varied by
changing the data byte at the D/A converter input.
In general, the magnitude of the current at the D/A converter
output pin may be calculated by Equation 1:
where N is the decimal representation of the input byte to the
corresponding D/A converter.
The value for the resistor determines the full scale output
current that the D/A converter may sink or source. Bits
IFSO1 and IFSO0 select the full scale output current setting
for Iout as described in “IFSO1 - IFSO0: Current Generator
Full Scale Output Set Bits (Non-volatile)” on page 9.
Bit IDS and in control register 0 select the direction of the
currents through pins Iout (See “IDS: Current Generator
Direction Select Bit (Non-volatile)” on page 7, and )“The IDS
bit sets the polarity of the Current Generator. When this bit is
set to “0” (default), the Current Generator of the X96011 is
configured as a Current Source. The Current Generator is
configured as a Current Sink when the IDS bit is set to “1”.
See Figure 5.”
D/A Converter Output Current Response
When the D/A converter input data byte changes by an
arbitrary number of bits, the output current changes from an
intial current level (Ix) to some final level (Ix + ΔIx). The
transition is monotonic and glitchless.
D/A Converter Control
The data byte inputs of the D/A converters can be controlled
in three ways:
1) With the A/D converter and through the look-up tables
(default)
2) Bypassing the A/D converter and directly accessing the
look-up tables
3) Bypassing both the A/D converter and look-up tables, and
directly setting the D/A converter input byte
The options are summarized in Table 1.
Bit DDAS is used to bypass the A/D converter and look-up
table, allowing direct access to the input of the D/A converter
with the byte in control register 3. See Figure 6, and the
descriptions of the control bits.
Bit IDS in Control Register 0 select the direction of the
current through pin Iout. See Figure 5, and the descriptions
of the control bits.
Power-on Reset
When power is applied to the VCC pin of the X96011, the device
undergoes a strict sequence of events before the current
outputs of the D/A converters are enabled.
When the voltage at VCC becomes larger than the power-on
reset threshold voltage (VPOR), the device recalls all control
bits from non-volatile memory into volatile registers. Next,
the analog circuits are powered up. When the voltage at VCC
becomes larger than a second voltage threshold (VADCOK),
the ADC is enabled. In the default case, after the ADC
performs four consecutive conversions with the same exact
result, the ADC output is used to select a byte from the
look-up table. The byte becomes the input of the DAC.
During all the previous sequence the input of the DAC is
00h. If bit ADCfiltOff is “1”, only one ADC conversion is
necessary. Bit DDAS and LDAS, also modify the way the
DAC is accessed the first time after power-up, as described
in “Control Register 5” on page 9.
The X96011 is a hot pluggable device. Voltage distrubances
on the VCC pin are handled by the power-on reset circuit,
allowing proper operation during hot plug-in applications.
Serial Interface
Serial Interface Conventions
The device supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter, and the receiving device as the
receiver. The device controlling the transfer is called the
master and the device being controlled is called the slave.
The master always initiates data transfers, and provides the
clock for both transmit and receive operations. The X96011
operates as a slave in all applications.
Serial Clock and Data
Data states on the SDA line can change only while SCL is
LOW. SDA state changes while SCL is HIGH are reserved
for indicating START and STOP conditions. See Figure 10.
On power-up of the X96011, the SDA pin is in the input
mode.
Serial Start Condition
All commands are preceded by the START condition, which
is a HIGH to LOW transition of SDA while SCL is HIGH. The
device continuously monitors the SDA and SCL lines for the
START condition and does not respond to any command
until this condition has been met. See Figure 9.
TABLE 1. D/A CONVERTER ACCESS SUMMARY
LDAS
DDAS
CONTROL SOURCE
0
0
A/D converter through LUT
(Default)
1
0
Bits LDA5 - LDA0 through LUT
X
1
Bits DDA7 - DDA0
“X” = Don’t Care Condition (May be either “1” or “0”)
I = (V(VRef) / (384 * R)) *N
(EQ. 1)
X96011


Similar Part No. - X96011_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011V14I INTERSIL-X96011V14I Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
logo
Renesas Technology Corp
X96011V14I RENESAS-X96011V14I Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Intersil Corporation
X96011V14IZ INTERSIL-X96011V14IZ Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
logo
Renesas Technology Corp
X96011V14IZ RENESAS-X96011V14IZ Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
More results

Similar Description - X96011_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
logo
Intersil Corporation
X96010 INTERSIL-X96010 Datasheet
372Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
logo
Renesas Technology Corp
X96012 RENESAS-X96012 Datasheet
478Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
logo
Intersil Corporation
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
   Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
X96012 INTERSIL-X96012_08 Datasheet
354Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com