Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9530V14I Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9530V14I
Description  Temperature Compensated Laser Diode Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9530V14I Datasheet(HTML) 4 Page - Intersil Corporation

  X9530V14I Datasheet HTML 1Page - Intersil Corporation X9530V14I Datasheet HTML 2Page - Intersil Corporation X9530V14I Datasheet HTML 3Page - Intersil Corporation X9530V14I Datasheet HTML 4Page - Intersil Corporation X9530V14I Datasheet HTML 5Page - Intersil Corporation X9530V14I Datasheet HTML 6Page - Intersil Corporation X9530V14I Datasheet HTML 7Page - Intersil Corporation X9530V14I Datasheet HTML 8Page - Intersil Corporation X9530V14I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
FN8211.1
November 11, 2005
PRINCIPLES OF OPERATION
CONTROL AND STATUS REGISTERS
The Control and Status Registers provide the user
with a mechanism for changing and reading the value
of various parameters of the X9530. The X9530
contains seven Control, one Status, and several
Reserved registers, each being one Byte wide (See
Figure 1). The Control registers 0 through 6 are
located at memory addresses 80h through 86h
respectively. The Status register is at memory address
87h, and the Reserved registers at memory address
88h through 8Fh.
All bits in Control register 6 always power-up to the
logic state “0”. All bits in Control registers 0 through 5
power-up to the logic state value kept in their
corresponding
nonvolatile
memory
cells.
The
nonvolatile bits of a register retain their stored values
even when the X9530 is powered down, then powered
back up. The nonvolatile bits in Control 0 through
Control 5 registers are all preprogrammed to the logic
state “0” at the factory.
Bits indicated as “Reserved” are ignored when read,
and must be written as “0”, if any Write operation is
performed to their registers.
A detailed description of the function of each of the
Control and Status register bits follows:
Control Register 0
This register is accessed by performing a Read or
Write operation to address 80h of memory.
BL1, BL0: BLOCK LOCK PROTECTION BITS
(NON-VOLATILE)
These two bits are used to inhibit any write operation
to certain addresses within the memory array. The
protected region of memory is determined by the
values of the two bits as shown in the table below:
If the user attempts to perform a write operation to a
protected region of memory, the operation is aborted
without changing any data in the array.
Notice that if the Write Protect (WP) input pin of the
X9530 is active (LOW), then any write operation to
the memory is inhibited, irrespective of the Block
Lock bit settings.
VRM: VOLTAGE REFERENCE PIN MODE
(NON-VOLATILE)
The VRM bit configures the Voltage Reference pin
(VRef) as either an input or an output. When the VRM
bit is set to “0” (default), the voltage at pin VRef is an
output from the X9530’s internal voltage reference.
When the VRM bit is set to “1”, the voltage reference
for the VRef pin is external. See Figure 2.
ADCIN: A/D CONVERTER INPUT SELECT
(NON-VOLATILE)
The ADCIN bit selects the input of the on-chip A/D
converter. When the ADCIN bit is set to “0” (default),
the output of the on-chip temperature sensor is the
input to the A/D converter. When the ADCIN bit is set
to “1”, the input to the A/D converter is the voltage at
the VSense pin. See Figure 4.
ADCFILTOFF: ADC FILTERING CONTROL
(NON-VOLATILE)
When this bit is “1”, the status register at 87h is
updated after every conversion of the ADC. When this
bit is “0” (default), the status register is updated after
four consecutive conversions with the same result.
NV1234: CONTROL REGISTERS 1, 2, 3, AND 4 VOLA-
TILITY MODE SELECTION BIT
(NON-VOLATILE)
When the NV1234 bit is set to “0” (default), bytes
written to Control registers 1, 2, 3, and 4 are stored in
volatile cells, and their content is lost when the X9530
is powered down. When the NV1234 bit is set to “1”,
bytes written to Control registers 1, 2, 3, and 4 are
stored in both volatile and nonvolatile cells, and their
value doesn’t change when the X9530 is powered
down and powered back up. See “Writing to Control
Registers” on page 17.
I1DS: CURRENT GENERATOR 1 DIRECTION SELECT BIT
(NON-VOLATILE)
The I1DS bit sets the polarity of Current Generator 1,
DAC1. When this bit is set to “0” (default), the Current
Generator 1 of the X9530 is configured as a Current
Source. Current Generator 1 is configured as a
Current Sink when the I1DS bit is set to “1”. See
Figure 5.
Protected Addresses
(Size)
Partition of array
locked
0
0
None (Default)
None (Default)
0
1
00h to 7Fh (128 bytes)
GPM
1
0
00h to 7Fh and 90h to
CFh (192 bytes)
GPM, LUT1
1
1
00h to 7Fh and 90h to
10Fh (256 bytes)
GPM, LUT1, LUT2
X9530


Similar Part No. - X9530V14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530V14I XICOR-X9530V14I Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530V14I INTERSIL-X9530V14I Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530V14I RENESAS-X9530V14I Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
X9530V14IZ RENESAS-X9530V14IZ Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
More results

Similar Description - X9530V14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com