Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M00AB Datasheet(PDF) 8 Page - STMicroelectronics

Part # L78M00AB
Description  PRECISION 500mA REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M00AB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L78M00AB Datasheet HTML 4Page - STMicroelectronics L78M00AB Datasheet HTML 5Page - STMicroelectronics L78M00AB Datasheet HTML 6Page - STMicroelectronics L78M00AB Datasheet HTML 7Page - STMicroelectronics L78M00AB Datasheet HTML 8Page - STMicroelectronics L78M00AB Datasheet HTML 9Page - STMicroelectronics L78M00AB Datasheet HTML 10Page - STMicroelectronics L78M00AB Datasheet HTML 11Page - STMicroelectronics L78M00AB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
L78M00AB/AC SERIES
8/17
ELECTRICAL CHARACTERISTICS OF L78M15XX (refer to the test circuits, VI = 23V, IO =350 mA,
CI =0.33µF, CO =0.1 µF, TJ = -40 to 125°C (AB), TJ = 0 to 125°C (AC) unless otherwise specified)
ELECTRICAL CHARACTERISTICS OF L78M18XX (refer to the test circuits, VI = 26V, IO =350 mA,
CI =0.33µF, CO =0.1 µF, TJ = -40 to 125°C (AB), TJ = 0 to 125°C (AC) unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
14.7
15
15.3
V
VO
Output Voltage
IO = 5 to 350 mA
VI = 17.5 to 30 V
14.4
15
15.6
V
∆V
O
Line Regulation
VI = 17.5 to 30 V, IO = 200 mA TJ = 25°C
100
mV
VI =20 to30 V, IO = 200 mA
TJ =25°C
30
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
300
mV
IO = 5 to 200 mA
TJ = 25°C
150
Id
Quiescent Current
TJ = 25°C
6
mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI = 17.5 to 30 V
0.8
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1
mV/°C
SVR
Supply Voltage Rejection
VI = 22 to 32 V
f = 120Hz
IO = 300mA
TJ = 25°C
54
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
90
µV
Vd
Dropout Voltage
TJ = 25°C
2
V
Isc
Short Circuit Current
TJ = 25°C
VI = 35 V
240
mA
Iscp
Short Circuit Peak Current
TJ = 25°C
700
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
17.64
18
18.36
V
VO
Output Voltage
IO = 5 to 350 mA
VI = 20.5 to 33 V
17.3
18
18.7
V
∆V
O
Line Regulation
VI =21 to33 V, IO = 200 mA TJ = 25°C
100
mV
VI =24 to33 V, IO = 200 mA TJ = 25°C
30
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
360
mV
IO = 5 to 200 mA
TJ = 25°C
180
Id
Quiescent Current
TJ = 25°C
6
mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =21to33V
0.8
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1.1
mV/°C
SVR
Supply Voltage Rejection
VI = 22 to 32 V
f = 120Hz
IO = 300mA
TJ = 25°C
53
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
100
µV
Vd
Dropout Voltage
TJ = 25°C
2
V
Isc
Short Circuit Current
TJ = 25°C
VI = 35 V
240
mA
Iscp
Short Circuit Peak Current
TJ = 25°C
700
mA


Similar Part No. - L78M00AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
173Kb / 19P
   POSITIVE VOLTAGE REGULATORS
logo
Sanyo Semicon Device
L78M00 SANYO-L78M00 Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATORS
January 2004
L78M00 STMICROELECTRONICS-L78M00 Datasheet
493Kb / 30P
   Positive voltage regulators
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
More results

Similar Description - L78M00AB

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
   500mA Positive Voltage Regulators
logo
Linear Technology
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
   500mA Low Dropout Voltage Regulators
logo
Linear Technology
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
198Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Rohm
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com