Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52230 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF52230
Description  ColdFire짰 Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52230 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF52230 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52230 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52230 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52230 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52230 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52230 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52230 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52230 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52230 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire® Microcontroller Data Sheet, Rev. 0
Preliminary
Freescale Semiconductor
3
1.1
Block Diagram
The MCF52235 (or its variants) come in 80- and 112-pin low-profile quad flat pack packages (LQFP) and
a 121 MAPBGA, and operates in single-chip mode only. Figure 1 shows a top-level block diagram of the
MCF52235.
Software Watchdog Timer (WDT)
x
x
x
x
x
Programmable Interrupt Timer
2
2
2
2
2
Four-Channel General Purpose Timer
x
x
x
x
x
32-bit DMA Timers
4
4
4
4
4
QSPI
x
x
x
x
x
UART(s)
3
3
3
3
3
I2Cx
x
x
x
x
Eight/Four-channel 8/16-bit PWM Timer
x
x
x
x
x
General Purpose I/O Module (GPIO)
x
x
x
x
x
Chip Configuration and Reset Controller
Module
xx
x
x
x
Background Debug Mode (BDM)
x
x
x
x
x
JTAG - IEEE 1149.1 Test Access Port1
xx
x
x
x
Package
80-pin LQFP
112-pin LQFP
80-pin LQFP
112-pin LQFP
80-pin LQFP
112-pin LQFP
80-pin LQFP
112-pin LQFP
121 MAPBGA
112-pin LQFP
121 MAPBGA
NOTES:
1
The full debug/trace interface is available only on the 112- and 121-pin packages. A reduced debug
interface is bonded on the 80-pin package.
Table 1. MCF52235 Family Configurations (continued)
Module
52230
52231
52233
52234
52235


Similar Part No. - MCF52230

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52230 FREESCALE-MCF52230 Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
logo
NXP Semiconductors
MCF52230 NXP-MCF52230 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52230CAF60 FREESCALE-MCF52230CAF60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52230CAF60 NXP-MCF52230CAF60 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52230CAL60 FREESCALE-MCF52230CAL60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
More results

Similar Description - MCF52230

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5282CVM66 FREESCALE-MCF5282CVM66 Datasheet
8Mb / 766P
   MCF5282 and MCF5216 ColdFire짰 Microcontroller User?셲 Manual
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com