Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT3946 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMDT3946
Description  Small Signal Surface Mount Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMDT3946 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  MMDT3946 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMDT3946 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMDT3946 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMDT3946 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited MMDT3946 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BL Galaxy Electrical
Production specification
Small Signal Surface Mount Transistor
MMDT3946
Document number: BL/SSSTE004
www.galaxycn.com
Rev.A
3
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
Collector-base breakdown voltage IC=-10μA,IE=0
-40
V
V(BR)CEO
Collector-emitter breakdown
voltage
IC=-1mA,IB=0
B
-40
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-10μA,IC=0
-5
V
ICEX
collector cut-off current
IE = 0,VCB = -30V
-
-0.05
μA
IBL
Base cut-off current
IC = 0, VEB = -3V
-
-0.05
μA
hFE
DC current gain
VCE =-1V,IC= -0.1mA
VCE =-1V,IC =-1mA
VCE =-1V,IC =-10mA
VCE =-1V,IC =-50mA
VCE =-1V,IC =-100mA
60
80
100
60
30
-
-
300
-
-
IC =-10mA,IB =-1mA
B
-
-250
mV
VCE(sat)
collector-emitter saturation
voltage
IC =-50mA,IB =-5mA
B
-
-400
mV
IC =-10mA,IB =-1mA
B
-650
-850
mV
VBE(sat)
base-emitter saturation voltage
IC =-50mA, IB =-5mA
B
-
-950
mV
Cobo
Output capacitance
IE=0, VCB=-5V; f =1MHz
-
4.5
pF
Cobi
Input capacitance
IC=0, VEB=-0.5V; f =1MHz
10
pF
fT
transition frequency
IC=-10mA,VCE=-20V,f=100MHz
250
-
MHz
NF
noise figure
IC=-0.1mA,VCE=-5V
-
4
dB
td
delay time
-
35
ns
tr
rise time
VCC=-3V,VBE(off)=0.5V
IC=-10mA IB1=-IB2=-1mA
-
35
ns
ts
storage time
-
225
ns
tf
fall time
VCC=-3V,IC=-10mA
IB1=IB2=-1mA
-
75
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - MMDT3946

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3946 TRSYS-MMDT3946 Datasheet
323Kb / 3P
   CMOPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Shenzhen Luguang Electr...
MMDT3946 LUGUANG-MMDT3946 Datasheet
808Kb / 5P
   Small Surface Mount Transistor
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
logo
TECH PUBLIC Electronics...
MMDT3946 TECHPUBLIC-MMDT3946 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
318Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 8 - 2
More results

Similar Description - MMDT3946

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com