Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C1024L-20TI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61C1024L-20TI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C1024L-20TI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61C1024L-20TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C1024L-20TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C1024L-20TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C1024L-20TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C1024L-20TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C1024L-20TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C1024L-20TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C1024L-20TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C1024L-20TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IS61C1024
IS61C1024L
10
SR028-1J
11/03/98
ISSI®
IS61C1024L LOW POWER VERSION
ORDERING INFORMATION
Commercial Range: 0
°C to +70°C
Speed (ns)
Order Part No.
Package
15
IS61C1024L-15J
300-mil Plastic SOJ
IS61C1024L-15K
400-mil Plastic SOJ
IS61C1024L-15H
sTSOP (Type I)
IS61C1024L-15T
TSOP (Type I)
20
IS61C1024L-20J
300-mil Plastic SOJ
IS61C1024L-20K
400-mil Plastic SOJ
IS61C1024L-20H
sTSOP (Type I)
IS61C1024L-20T
TSOP (Type I)
25
IS61C1024L-25J
300-mil Plastic SOJ
IS61C1024L-25K
400-mil Plastic SOJ
IS61C1024L-25H
sTSOP (Type I)
IS61C1024L-25T
TSOP (Type I)
IS61C1024L LOW POWER VERSION
ORDERING INFORMATION
Industrial Range: –40
°C to +85°C
Speed (ns)
Order Part No.
Package
15
IS61C1024L-15JI
300-mil Plastic SOJ
IS61C1024L-15KI
400-mil Plastic SOJ
IS61C1024L-12HI
sTSOP (Type I)
IS61C1024L-15TI
TSOP (Type I)
20
IS61C1024L-20JI
300-mil Plastic SOJ
IS61C1024L-20KI
400-mil Plastic SOJ
IS61C1024L-12HI
sTSOP (Type I)
IS61C1024L-20TI
TSOP (Type I)
25
IS61C1024L-25JI
300-mil Plastic SOJ
IS61C1024L-25KI
400-mil Plastic SOJ
IS61C1024L-12HI
sTSOP (Type I)
IS61C1024L-25TI
TSOP (Type I)
IS61C1024 STANDARD VERSION
ORDERING INFORMATION
Commercial Range: 0
°C to +70°C
Speed (ns)
Order Part No.
Package
12
IS61C1024-12J
300-mil Plastic SOJ
12
IS61C1024-12K
400-mil Plastic SOJ
12
IS61C1024-12H
sTSOP (Type I)
12
IS61C1024-12T
TSOP (Type I)
15
IS61C1024-15J
300-mil Plastic SOJ
15
IS61C1024-15K
400-mil Plastic SOJ
15
IS61C1024-15H
sTSOP (Type I)
15
IS61C1024-15T
TSOP (Type I)
20
IS61C1024-20J
300-mil Plastic SOJ
20
IS61C1024-20K
400-mil Plastic SOJ
20
IS61C1024-20H
sTSOP (Type I)
20
IS61C1024-20T
TSOP (Type I)
25
IS61C1024-25J
300-mil Plastic SOJ
25
IS61C1024-25K
400-mil Plastic SOJ
25
IS61C1024-25H
sTSOP (Type I)
25
IS61C1024-25T
TSOP (Type I)
IS61C1024 STANDARD VERSION
ORDERING INFORMATION
Industrial Range: –40
°C to +85°C
Speed (ns)
Order Part No.
Package
12
IS61C1024-12JI
300-mil Plastic SOJ
12
IS61C1024-12KI
400-mil Plastic SOJ
12
IS61C1024-12HI
sTSOP (Type I)
12
IS61C1024-12TI
TSOP (Type I)
15
IS61C1024-15JI
300-mil Plastic SOJ
15
IS61C1024-15KI
400-mil Plastic SOJ
15
IS61C1024-15HI
sTSOP (Type I)
15
IS61C1024-15TI
TSOP (Type I)
20
IS61C1024-20JI
300-mil Plastic SOJ
20
IS61C1024-20KI
400-mil Plastic SOJ
20
IS61C1024-20HI
sTSOP (Type I)
20
IS61C1024-20TI
TSOP (Type I)
25
IS61C1024-25JI
300-mil Plastic SOJ
25
IS61C1024-25KI
400-mil Plastic SOJ
25
IS61C1024-25HI
sTSOP (Type I)
25
IS61C1024-25TI
TSOP (Type I)


Similar Part No. - IS61C1024L-20TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HLI ISSI-IS61C1024AL-12HLI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12J ISSI-IS61C1024AL-12J Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C1024L-20TI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com