Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8807BEHAZ3 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8807BEHAZ3
Description  600mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8807BEHAZ3 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8807BEHAZ3 Datasheet HTML 7Page - Analog Microelectronics AME8807BEHAZ3 Datasheet HTML 8Page - Analog Microelectronics AME8807BEHAZ3 Datasheet HTML 9Page - Analog Microelectronics AME8807BEHAZ3 Datasheet HTML 10Page - Analog Microelectronics AME8807BEHAZ3 Datasheet HTML 11Page - Analog Microelectronics AME8807BEHAZ3 Datasheet HTML 12Page - Analog Microelectronics AME8807BEHAZ3 Datasheet HTML 13Page - Analog Microelectronics AME8807BEHAZ3 Datasheet HTML 14Page - Analog Microelectronics AME8807BEHAZ3 Datasheet HTML 15Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AME, Inc.
11
AME8807
600mA CMOS LDO
Rev.N.01
n External Resistor Divider Table (contd.)
R1
(K Ohm)
1
2
3
4
5
6
7
8
9
10
Vout
3.15
0.63
1.26
1.88
2.51
3.14
3.77
4.40
5.02
5.65
6.28
3.20
0.61
1.22
1.84
2.45
3.06
3.67
4.28
4.90
5.51
6.12
3.25
0.60
1.19
1.79
2.39
2.99
3.58
4.18
4.78
5.37
5.97
3.30
0.58
1.17
1.75
2.33
2.91
3.50
4.08
4.66
5.24
5.83
3.35
0.57
1.14
1.71
2.28
2.85
3.41
3.98
4.55
5.12
5.69
3.40
0.56
1.11
1.67
2.22
2.78
3.34
3.89
4.45
5.00
5.56
3.45
0.54
1.09
1.63
2.17
2.72
3.26
3.81
4.35
4.89
5.44
3.50
0.53
1.06
1.60
2.13
2.66
3.19
3.72
4.25
4.79
5.32
3.55
0.52
1.04
1.56
2.08
2.60
3.12
3.64
4.16
4.68
5.20
3.60
0.51
1.02
1.53
2.04
2.55
3.06
3.57
4.08
4.58
5.09
3.65
0.50
1.00
1.50
2.00
2.49
2.99
3.49
3.99
4.49
4.99
3.70
0.49
0.98
1.47
1.96
2.44
2.93
3.42
3.91
4.40
4.89
3.75
0.48
0.96
1.44
1.92
2.40
2.88
3.36
3.83
4.31
4.79
3.80
0.47
0.94
1.41
1.88
2.35
2.82
3.29
3.76
4.23
4.70
3.85
0.46
0.92
1.38
1.84
2.31
2.77
3.23
3.69
4.15
4.61
3.90
0.45
0.91
1.36
1.81
2.26
2.72
3.17
3.62
4.07
4.53
3.95
0.44
0.89
1.33
1.78
2.22
2.67
3.11
3.55
4.00
4.44
4.00
0.44
0.87
1.31
1.75
2.18
2.62
3.05
3.49
3.93
4.36
4.05
0.43
0.86
1.29
1.71
2.14
2.57
3.00
3.43
3.86
4.29
4.10
0.42
0.84
1.26
1.68
2.11
2.53
2.95
3.37
3.79
4.21
4.15
0.41
0.83
1.24
1.66
2.07
2.48
2.90
3.31
3.73
4.14
4.20
0.41
0.81
1.22
1.63
2.04
2.44
2.85
3.26
3.66
4.07
4.25
0.40
0.80
1.20
1.60
2.00
2.40
2.80
3.20
3.60
4.00
4.30
0.39
0.79
1.18
1.58
1.97
2.36
2.76
3.15
3.54
3.94
4.35
0.39
0.78
1.16
1.55
1.94
2.33
2.71
3.10
3.49
3.88
4.40
0.38
0.76
1.14
1.53
1.91
2.29
2.67
3.05
3.43
3.81
4.45
0.38
0.75
1.13
1.50
1.88
2.25
2.63
3.00
3.38
3.76
4.50
0.37
0.74
1.11
1.48
1.85
2.22
2.59
2.96
3.33
3.70
4.55
0.36
0.73
1.09
1.46
1.82
2.19
2.55
2.91
3.28
3.64
4.60
0.36
0.72
1.08
1.44
1.79
2.15
2.51
2.87
3.23
3.59
4.65
0.35
0.71
1.06
1.41
1.77
2.12
2.48
2.83
3.18
3.54
4.70
0.35
0.70
1.05
1.39
1.74
2.09
2.44
2.79
3.14
3.49
4.75
0.34
0.69
1.03
1.37
1.72
2.06
2.41
2.75
3.09
3.44
4.80
0.34
0.68
1.02
1.36
1.69
2.03
2.37
2.71
3.05
3.39
4.85
0.33
0.67
1.00
1.34
1.67
2.01
2.34
2.67
3.01
3.34
4.90
0.33
0.66
0.99
1.32
1.65
1.98
2.31
2.64
2.97
3.30
4.95
0.33
0.65
0.98
1.30
1.63
1.95
2.28
2.60
2.93
3.25
5.00
0.32
0.64
0.96
1.28
1.61
1.93
2.25
2.57
2.89
3.21
R2(K Ohm)=(1.215*R1(K Ohm))/(Vout-1.215)


Similar Part No. - AME8807BEHAZ3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8807BEHAZ-3 AME-AME8807BEHAZ-3 Datasheet
188Kb / 15P
   600mA CMOS LDO
More results

Similar Description - AME8807BEHAZ3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com