Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9013 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S9013
Description  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S9013 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S9013 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S9013 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S9013 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited S9013 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Epitaxial Planar Transistor
S9013
Document number: BL/SSSTC082
www.galaxycn.com
Rev.A
1
FEATURES
High Collector Current.(IC= 500mA
Pb
Lead-free
Complementary To S9012.
Excellent HFE Linearity.
Power dissipation.(PC=300mW)
APPLICATIONS
High Collector Current.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
S9013
J3
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Dissipation
300
mW
Tj,Tstg
Junction and Storage Temperature
-55~150


Similar Part No. - S9013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9013 FAIRCHILD-S9013 Datasheet
40Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
SUNMATE electronic Co.,...
S9013 SUNMATE-S9013 Datasheet
752Kb / 3P
   NPN SILICON EPITAXIAL PLANAR TRANSISTOR
logo
Shanghai Leiditech Elec...
S9013 LEIDITECH-S9013 Datasheet
588Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
AUK corp
S9013 AUK-S9013 Datasheet
87Kb / 3P
   NPN Silicon Transistor
logo
Galaxy Semi-Conductor H...
S9013 BILIN-S9013 Datasheet
220Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - S9013

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com