Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4426-015A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4426-015A
Description  PC Board Mountable Pressure Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4426-015A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4426-015A Datasheet HTML 1Page - List of Unclassifed Manufacturers 4426-015A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
performance specifications
4426 Pressure Sensor
- 2 -
ordering information
All parameters measured at 12V and at 25ºC after 10 second warm up unless otherwise specified.
1. Ratiometric to supply voltage.
2. Best fit straight line.
3. Maximum temperature error between 0°C and 50°C with
respect to 25°C.
4. Long term stability over a one year period.
5. 3X or 150 psi max, whichever is less
6. For more details refer to 4425/4426 Mounting Application Note.
7. For high humidity applications, contact factory
Notes
connections
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Full Scale Output (0-1 PSI)
17.6
18
18.4
mV
1
Full Scale Output (0-5 PSI)
58
60
62
mV
1
Full Scale Output (0-15 to 0-50 PSI)
88
90
92
mV
1
Full Scale Output (0-100 PSI)
98
100
102
mV
1
Zero Pressure Output
-1
±0.2
1
mV
1
Pressure Non Linearity
-0.25
0.25
% Span
2
Pressure Hysteresis
±0.2
% Span
Input Resistance
5000
15000
25000
S
Output Resistance
3500
5000
6500
S
Temperature Error – Span (0 to +50ºC)
-1
1
% Span
3
Temperature Error – Zero (0 to +50ºC)
-0.75
±0.2
0.75
mV
3
Supply Voltage
12
20
V
Long Term Stability (Offset & Span)
±0.1
mV
4
Pressure Overload
3X
Rated
5
Compensated Temperature Range
0ºC to +50ºC
Operating Temperature Range
–25ºC to +85ºC
Storage Temperature Range
-40ºC to +125ºC
Solder Temperature
260°C Max 5 Sec.
6
Humidity
0 to 85% RH
7
Media
Non-Corrosive Dry Gases Compatible with Silicon, Pyrex,
RTV, Ceramic & Gold
Weight
3 g
Measurement Specialties, Inc. G 1000 Lucas Way Hampton, VA 23666 USA G www.meas-spec.com G 757-766-1500 G 800-745-8008 G Fax 757-766-4297
Model4426_1007
4426 - 005 G
Type (A=Absolute G=Gage)
Pressure Range (001, 005, 015, 030, 050, 100)
Model


Similar Part No. - 4426-015A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
logo
API Delevan
4426-1 API-4426-1 Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-10 ETC1-4426-10 Datasheet
39Kb / 1P
   Air Core Inductors
logo
API Delevan
4426-10 API-4426-10 Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-2 ETC1-4426-2 Datasheet
39Kb / 1P
   Air Core Inductors
More results

Similar Description - 4426-015A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1210 TEC-1210 Datasheet
211Kb / 7P
   PC Board Mountable Pressure Sensor
1230 TEC-1230 Datasheet
183Kb / 5P
   PC Board Mountable Pressure Sensor
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
   PC Board Mountable Pressure Sensor
MS4426 TEC-MS4426 Datasheet
156Kb / 6P
   PC Board Mountable Pressure Sensor
MS4425 TEC-MS4425 Datasheet
202Kb / 7P
   PC Board Mountable Pressure Sensor
1240 TEC-1240 Datasheet
177Kb / 5P
   PC Board Mountable Pressure Sensor
MS1451 TEC-MS1451 Datasheet
150Kb / 5P
   PC Board Mountable Pressure Sensor
13-43 TEC-13-43 Datasheet
151Kb / 5P
   PC Board Mountable Pressure Sensor
MS1471 TEC-MS1471 Datasheet
143Kb / 5P
   PC Board Mountable Pressure Sensor
3255A TEC-3255A Datasheet
168Kb / 3P
   PC Board Mountable Accelerometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com