Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2577 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2577
Description  SIMPLE SWITCHER짰 Step-Up Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2577 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2577 Datasheet HTML 1Page - National Semiconductor (TI) LM2577 Datasheet HTML 2Page - National Semiconductor (TI) LM2577 Datasheet HTML 3Page - National Semiconductor (TI) LM2577 Datasheet HTML 4Page - National Semiconductor (TI) LM2577 Datasheet HTML 5Page - National Semiconductor (TI) LM2577 Datasheet HTML 6Page - National Semiconductor (TI) LM2577 Datasheet HTML 7Page - National Semiconductor (TI) LM2577 Datasheet HTML 8Page - National Semiconductor (TI) LM2577 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
45V
Output Switch Voltage
65V
Output Switch Current (Note 2)
6.0A
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Maximum Junction Temperature
150˚C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)2 kV
Operating Ratings
Supply Voltage
3.5V
≤ V
IN
≤ 40V
Output Switch Voltage
0V
≤ V
SWITCH
≤ 60V
Output Switch Current
I
SWITCH
≤ 3.0A
Junction Temperature Range
LM1577
−55˚C
≤ T
J
≤ +150˚C
LM2577
−40˚C
≤ T
J
≤ +125˚C
Electrical Characteristics—LM1577-12, LM2577-12
Specifications with standard type face are for T
J = 25˚C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, V
IN = 5V, and ISWITCH =0.
LM1577-12
LM2577-12
Units
Symbol
Parameter
Conditions
Typical
Limit
Limit
(Limits)
(Notes 3, 4)
(Note 5)
SYSTEM PARAMETERS Circuit of Figure 1 (Note 6)
V
OUT
Output Voltage
V
IN = 5V to 10V
12.0
V
I
LOAD = 100 mA to 800 mA
11.60/11.40
11.60/11.40
V(min)
(Note 3)
12.40/12.60
12.40/12.60
V(max)
Line Regulation
V
IN = 3.5V to 10V
20
mV
I
LOAD = 300 mA
50/100
50/100
mV(max)
Load Regulation
V
IN =5V
20
mV
I
LOAD = 100 mA to 800 mA
50/100
50/100
mV(max)
η
Efficiency
V
IN = 5V, ILOAD = 800 mA
80
%
DEVICE PARAMETERS
I
S
Input Supply Current
V
FEEDBACK = 14V (Switch Off)
7.5
mA
10.0/14.0
10.0/14.0
mA(max)
I
SWITCH = 2.0A
25
mA
V
COMP = 2.0V (Max Duty Cycle)
50/85
50/85
mA(max)
V
UV
Input Supply
I
SWITCH = 100 mA
2.90
V
Undervoltage Lockout
2.70/2.65
2.70/2.65
V(min)
3.10/3.15
3.10/3.15
V(max)
f
O
Oscillator Frequency
Measured at Switch Pin
52
kHz
I
SWITCH = 100 mA
48/42
48/42
kHz(min)
56/62
56/62
kHz(max)
V
REF
Output Reference
Measured at Feedback Pin
V
Voltage
V
IN = 3.5V to 40V
12
11.76/11.64
11.76/11.64
V(min)
V
COMP = 1.0V
12.24/12.36
12.24/12.36
V(max)
Output Reference
V
IN = 3.5V to 40V
7mV
Voltage Line Regulator
R
FB
Feedback Pin Input
9.7
k
Resistance
G
M
Error Amp
I
COMP = −30 µA to +30 µA
370
µmho
Transconductance
V
COMP = 1.0V
225/145
225/145
µmho(min)
515/615
515/615
µmho(max)
www.national.com
4


Similar Part No. - LM2577

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2577 NSC-LM2577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
LM2577 TI1-LM2577 Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LM2577-12 NSC-LM2577-12 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
LM2577-15 NSC-LM2577-15 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
LM2577-ADJ NSC-LM2577-ADJ Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results

Similar Description - LM2577

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR61428 TI-LMR61428_15 Datasheet
959Kb / 20P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com