Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7915AC Datasheet(PDF) 10 Page - STMicroelectronics

Part # L7915AC
Description  2% NEGATIVE VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7915AC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7915AC Datasheet HTML 3Page - STMicroelectronics L7915AC Datasheet HTML 4Page - STMicroelectronics L7915AC Datasheet HTML 5Page - STMicroelectronics L7915AC Datasheet HTML 6Page - STMicroelectronics L7915AC Datasheet HTML 7Page - STMicroelectronics L7915AC Datasheet HTML 8Page - STMicroelectronics L7915AC Datasheet HTML 9Page - STMicroelectronics L7915AC Datasheet HTML 10Page - STMicroelectronics L7915AC Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
E
10
10.4
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.624
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
L2
L3
L
B2
B
G
E
A
C2
D
C
A1
DETAIL ”A”
DETAIL ”A”
P011P6/F
TO-263 (D
2PAK) MECHANICAL DATA
L7900AC
10/11


Similar Part No. - L7915AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7915AC STMICROELECTRONICS-L7915AC Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
L7915AC STMICROELECTRONICS-L7915AC Datasheet
748Kb / 20P
   2 % negative voltage regulators
L7915AC STMICROELECTRONICS-L7915AC Datasheet
748Kb / 20P
   2 % negative voltage regulatorsm
L7915ACD2T STMICROELECTRONICS-L7915ACD2T Datasheet
414Kb / 16P
   NEGATIVE VOLTAGE REGULATORS
L7915ACD2T STMICROELECTRONICS-L7915ACD2T Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - L7915AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7900AC STMICROELECTRONICS-L7900AC_07 Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
L7905AC STMICROELECTRONICS-L7905AC_08 Datasheet
748Kb / 20P
   2 % negative voltage regulators
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com