Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5817 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SM5817
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SM5817 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SM5817 Datasheet HTML 1Page - Rectron Semiconductor SM5817 Datasheet HTML 2Page - Rectron Semiconductor SM5817 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
1.0
.75
.50
.25
0
0
20
40
60
80
100
120
140
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
LEAD TEMPERATURE, (
)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
400
200
100
60
40
20
10
.1
.4
1.0
4
10
40
REVERSE VOLTAGE, (V)
TJ = 25
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
0.1
.01
.001
TJ = 25
TJ = 75
TJ = 125
20
40
60
80
100
120
140
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
10
RATING AND CHARACTERISTIC CURVES ( SM5817 THRU SM5819 )
FIG. 4 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
30
25
20
15
10
5
0
NUMBER OF CYCLES AT 60HZ
1
2
5
10
20
50
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
20
10
1.0
0.1
INSTANTANEOUS FORWARD VOLTAGE, (V)
.1
.3
.5
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
TJ = 25¢J
Pulse Width = 300uS
1% Duty Cycle
SM5817
SM5819
SM5818


Similar Part No. - SM5817

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
Goodwork Semiconductor ...
SM5817 GWSEMI-SM5817 Datasheet
56Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
MIC GROUP RECTIFIERS
SM5817 MIC-SM5817 Datasheet
59Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SM5817 SHUNYE-SM5817 Datasheet
94Kb / 2P
   Silicon epitaxial planer type
logo
Bytes
SM5817 BYTES-SM5817 Datasheet
147Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM5817

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM5817 RECTRON-FM5817 Datasheet
22Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817_07 Datasheet
243Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
1N17 RECTRON-1N17_06 Datasheet
262Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
1N5817 WINGS-1N5817 Datasheet
244Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com