Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3133 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3133
Description  QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3133 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3133_05 Datasheet HTML 1Page - RF Micro Devices RF3133_05 Datasheet HTML 2Page - RF Micro Devices RF3133_05 Datasheet HTML 3Page - RF Micro Devices RF3133_05 Datasheet HTML 4Page - RF Micro Devices RF3133_05 Datasheet HTML 5Page - RF Micro Devices RF3133_05 Datasheet HTML 6Page - RF Micro Devices RF3133_05 Datasheet HTML 7Page - RF Micro Devices RF3133_05 Datasheet HTML 8Page - RF Micro Devices RF3133_05 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2-463
RF3133
Rev A6 050909
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (DCS/PCS Mode)
Temp=25°C, VBATT=3.5V, PIN=+2dBm,
VREG=2.8V, VRAMP =VRAMP Max,
Freq=1710MHz to 1910MHz,
25% Duty Cycle, Pulse Width=1154
μs
Operating Frequency Range
1710 to 1910
MHz
Maximum Output Power
+32.0
+34.0
dBm
Temp=+25°C, VBATT=3.5V, VRAMP =VRAMP
Max, 1710MHz to 1785MHz
+31.7
+32.7
dBm
1850MHz to 1910MHz
+31.0
+31.8
dBm
Temp=+85°C, VBATT=3.0V,
VRAMP = VRAMP Max, 1710MHz to 1785MHz
+29.5
+30.5
dBm
1850MHz to 1910MHz
Total Efficiency
45
50
%
At POUT,MAX, VBATT=3.5V, 1710-1785MHz
44
48
1850MHz to 1910MHz
Input Power Range
0
+2
+5
dBm
Output Noise Power
-77
dBm
RBW=100kHz, 1805MHz to 1880MHz and
1930MHz to 1990MHz, POUT > 5dBm,
VBATT=3.5V
Forward Isolation 1
-37
-30
dBm
TX_ENABLE=0V, PIN=+5dBm
Forward Isolation 2
-1
dBm
TX_ENABLE=High, PIN=+5dBm,
VRAMP=0.2V
Second Harmonic
-25
-5
dBm
VRAMP=0.2V to VRAMP MAX
Third Harmonic
-30
-15
dBm
VRAMP=0.2V to VRAMP MAX
All other Non-Harmonic Spurious
-36
dBm
VRAMP=0.2V to VRAMP MAX
Input Impedance
50
Ω
Input VSWR
-
2.5
VRAMP=0.2V to VRAMP MAX
Output Load VSWR Stability
8:1
Spurious<-36dBm, RBW=3MHz, Set VRAMP
where POUT <32.0dBm into 50Ω load
Output Load VSWR Ruggedness
10:1
Set VRAMP where POUT <32.0dBm into 50Ω
load. No damage or permanent degradation
to part.
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pin
Note: VRAMP Max=3/8*VBATT+0.18<1.5V


Similar Part No. - RF3133_05

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3133PCBA RFM-RF3133PCBA Datasheet
191Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3133_05

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com