Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F160C3BC70 Datasheet(PDF) 5 Page - Intel Corporation

Part # TE28F160C3BC70
Description  Advanced Boot Block Flash Memory (C3)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F160C3BC70 Datasheet(HTML) 5 Page - Intel Corporation

  TE28F160C3BC70 Datasheet HTML 1Page - Intel Corporation TE28F160C3BC70 Datasheet HTML 2Page - Intel Corporation TE28F160C3BC70 Datasheet HTML 3Page - Intel Corporation TE28F160C3BC70 Datasheet HTML 4Page - Intel Corporation TE28F160C3BC70 Datasheet HTML 5Page - Intel Corporation TE28F160C3BC70 Datasheet HTML 6Page - Intel Corporation TE28F160C3BC70 Datasheet HTML 7Page - Intel Corporation TE28F160C3BC70 Datasheet HTML 8Page - Intel Corporation TE28F160C3BC70 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Datasheet
5
Contents
Revision History
Date of
Revision
Version
Description
05/12/98
-001
Original version
07/21/98
-002
48-Lead TSOP package diagram change
µBGA package diagrams change
32-Mbit ordering information change (Section 6)
CFI Query Structure Output Table Change (Table C2)
CFI Primary-Vendor Specific Extended Query Table Change for Optional
Features and Command Support change (Table C8)
Protection Register Address Change
IPPD test conditions clarification (Section 4.3)
µBGA package top side mark information clarification (Section 6)
10/03/98
-003
Byte-Wide Protection Register Address change
VIH Specification change (Section 4.3)
VIL Maximum Specification change (Section 4.3)
ICCS test conditions clarification (Section 4.3)
Added Command Sequence Error Note (Table 7)
Datasheet renamed from 3 Volt Advanced Boot Block, 8-, 16-, 32-Mbit Flash
Memory Family.
12/04/98
-004
Added tBHWH/tBHEH and tQVBL (Section 4.6)
Programming the Protection Register clarification (Section 3.4.2)
12/31/98
-005
Removed all references to x8 configurations
02/24/99
-006
Removed reference to 40-Lead TSOP from front page
06/10/99
-007
Added Easy BGA package (Section 1.2)
Removed 1.8 V I/O references
Locking Operations Flowchart changed (Appendix B)
Added tWHGL (Section 4.6)
CFI Primary Vendor-Specific Extended Query changed (Appendix C)
03/20/00
-008
Max ICCD changedto25µA
Table 10, added note indicating VCCMax = 3.3 V for 32-Mbit device
04/24/00
-009
Added specifications for 0.18 micron product offerings throughout document
Added 64-Mbit density
10/12/00
-010
Changed references of 32Mbit 80ns devices to 70ns devices to reflect the
faster product offering.
Changed VccMax=3.3V reference to indicate that the affected product is the
0.25
µm 32Mbit device.
Minor text edits throughout document.
7/20/01
-011
Added 1.8v I/O operation documentation where applicable
Added TSOP PCN ‘Pin-1’ indicator information
Changed references in 8 x 8 BGA pinout diagrams from ‘GND’ to ‘Vssq’
Added ‘Vssq’ to Pin Descriptions Information
Removed 0.4 µm references in DC characteristics table
Corrected 64Mb package Ordering Information from 48-uBGA to 48-VFBGA
Corrected ‘bottom’ parameter block sizestoon8Mb deviceto8x4KWords
Minor text edits throughout document
10/02/01
-012
Added specifications for 0.13 micron product offerings throughout document
2/05/02
-013
Corrected Iccw / Ippw / Icces /Ippes values.
Added mechanicals for 16Mb and 64Mb
Minor text edits throughout document.


Similar Part No. - TE28F160C3BC70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F160C3B110 INTEL-TE28F160C3B110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F160C3B90 INTEL-TE28F160C3B90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - TE28F160C3BC70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com