Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7815AC Datasheet(PDF) 7 Page - STMicroelectronics

Part # L7815AC
Description  PRECISION 1A REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7815AC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L7815AC Datasheet HTML 3Page - STMicroelectronics L7815AC Datasheet HTML 4Page - STMicroelectronics L7815AC Datasheet HTML 5Page - STMicroelectronics L7815AC Datasheet HTML 6Page - STMicroelectronics L7815AC Datasheet HTML 7Page - STMicroelectronics L7815AC Datasheet HTML 8Page - STMicroelectronics L7815AC Datasheet HTML 9Page - STMicroelectronics L7815AC Datasheet HTML 10Page - STMicroelectronics L7815AC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ELECTRICAL CHARACTERISTICS FOR L7808A (Vi = 14V, Io = 1 A, Tj = 0 to 125
oC (L7808AC),
Tj = -40 to 125
oC (L7808AB) unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Tj =25
oC7.84
8
8.16
V
Vo
Output Voltage
Io = 5 mA to 1 A
Po
≤ 15 W
Vi = 10.6 to 23 V
7.788.3
V
∆Vo*
Line Regulation
Vi = 10.6 to 25 V
Io = 500 mA
Vi =11 to 17 V
Vi =11 to 17 V
Tj =25
oC
Vi = 10.4 to 23 V
Tj =25
oC
12
15
5
12
80
80
40
80
mV
mV
mV
mV
∆Vo*
Load Regulation
Io = 5 mA to 1 A
Io = 5 mA to 1.5 A
Tj =25
oC
Io = 250 to 750 mA
25
30
10
100
100
50
mV
mV
mV
Id
Quiescent Current
Tj =25
oC4.3
6
6
mA
∆Id
Quiescent Current Change
Vi =11 to 25 V
Io = 500 mA
Vi = 10.6 to 23 V
Tj =25
oC
Io = 5 mA to 1 A
0.8
0.8
0.5
mA
mA
mA
SVR
Supply Voltage Rejection
Vi = 11.5 to 21.5 V
f = 120 Hz
Io = 500 mA
62
dB
Vd
Dropout Voltage
Io =1 A
Tj =25
oC2
V
eN
Output Noise Voltage
B = 10Hz to 100KHz
Tj =25
oC10
µV/Vo
Ro
Output Resistance
f = 1KHz
18
m
Isc
Short Circuit Current
Vi =35 V
Tamb =25
oC0.2
A
Iscp
Short Circuit Peack Current
Tj =25
oC2.2
A
Vo
∆T
Output Voltage Drift
-0. 8
mV/
oC
* Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
L7800AB/AC
7/17


Similar Part No. - L7815AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7815AC STMICROELECTRONICS-L7815AC Datasheet
373Kb / 28P
   Precision 1A regulators
L7815AC STMICROELECTRONICS-L7815AC Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7815AC STMICROELECTRONICS-L7815AC Datasheet
780Kb / 26P
   Precision 1 A regulators
L7815AC STMICROELECTRONICS-L7815AC Datasheet
780Kb / 26P
   Precision 1 A regulators
L7815AC STMICROELECTRONICS-L7815AC Datasheet
1Mb / 56P
   Positive voltage regulators
More results

Similar Description - L7815AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7800AB STMICROELECTRONICS-L7800AB_07 Datasheet
373Kb / 28P
   Precision 1A regulators
logo
Rohm
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117_12 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
logo
Seaward Electronics Inc...
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com