Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD43256B-AXX Datasheet(PDF) 8 Page - NEC

Part # UPD43256B-AXX
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256B-AXX Datasheet(HTML) 8 Page - NEC

Back Button UPD43256B-AXX Datasheet HTML 4Page - NEC UPD43256B-AXX Datasheet HTML 5Page - NEC UPD43256B-AXX Datasheet HTML 6Page - NEC UPD43256B-AXX Datasheet HTML 7Page - NEC UPD43256B-AXX Datasheet HTML 8Page - NEC UPD43256B-AXX Datasheet HTML 9Page - NEC UPD43256B-AXX Datasheet HTML 10Page - NEC UPD43256B-AXX Datasheet HTML 11Page - NEC UPD43256B-AXX Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
µPD43256B
Data Sheet M10770EJCV0DS00
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) (1/2)
Parameter
Symbol
Test condition
µPD43256B-xxL
µPD43256B-xxLL
Unit
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Input leakage current
ILI
VIN = 0 V to VCC
–1.0
+1.0
–1.0
+1.0
µA
I/O leakage current
ILO
VI/O = 0 V to VCC, /OE = VIH or
–1.0
+1.0
–1.0
+1.0
µA
/CS = VIH or /WE = VIL
Operating supply current
ICCA1
/CS = VIL, Minimum cycle time, II/O = 0 mA
45
45
mA
ICCA2
/CS = VIL, II/O = 0 mA
10
10
ICCA3
/CS
≤ 0.2 V, Cycle = 1 MHz,
10
10
II/O = 0 mA, VIL
≤ 0.2 V, VIH ≥ VCC – 0.2 V
Standby supply current
ISB
/CS = VIH
33
mA
ISB1
/CS
≥ VCC − 0.2 V
1.0
50
0.5
15
µA
High level output voltage
VOH1
IOH = –1.0 mA
2.4
2.4
V
VOH2
IOH = –0.1 mA
VCC–0.5
VCC–0.5
Low level output voltage
VOL
IOL = 2.1 mA
0.4
0.4
V
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These DC characteristics are in common regardless of package types.


Similar Part No. - UPD43256B-AXX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD43256B-AXX RENESAS-UPD43256B-AXX Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
UPD43256B-AXXX RENESAS-UPD43256B-AXXX Datasheet
659Kb / 22P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD43256B-AXX

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com