Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97653A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL97653A
Description  5-Channel Integrated LCD Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97653A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL97653A_08 Datasheet HTML 1Page - Intersil Corporation ISL97653A_08 Datasheet HTML 2Page - Intersil Corporation ISL97653A_08 Datasheet HTML 3Page - Intersil Corporation ISL97653A_08 Datasheet HTML 4Page - Intersil Corporation ISL97653A_08 Datasheet HTML 5Page - Intersil Corporation ISL97653A_08 Datasheet HTML 6Page - Intersil Corporation ISL97653A_08 Datasheet HTML 7Page - Intersil Corporation ISL97653A_08 Datasheet HTML 8Page - Intersil Corporation ISL97653A_08 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN6367.1
February 21, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Maximum Pin Voltages, all pins except below . . . . . . . . . . . . . . 6.5V
LX1, LX2, SUPP, SUPN, NOUT, PROT, C1N, C2N . . . . . . . . .24V
PVIN1, PVIN2, LXL1, LXL2 . . . . . . . . . . . . . . . . . . . . . . . . . 16.8V
EN, CTL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
DRN, POUT, COM, C1P, C2P. . . . . . . . . . . . . . . . . . . . . . . . . .33V
CB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21V
Recommended Operating Conditions
Input Voltage Range, VIN . . . . . . . . . . . . . . . . . . . . . . . . 4V to 14V
Input Capacitance, CIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2x10µF
Boost Output Voltage Range, AVDD . . . . . . . . . . . . . . . . . . . . +20V
Output Capacitance, COUT . . . . . . . . . . . . . . . . . . . . . . . . . . 3x22µF
Boost Inductor, L1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3µH-10µH
VON Output Range, VON . . . . . . . . . . . . . . . . . . . . . . +15V to +30V
VOFF Output Range, VOFF . . . . . . . . . . . . . . . . . . . . . . .-15V to -5V
Logic Output Voltage Range, VLOGIC . . . . . . . . . . . . +1.5V to +3.3V
Buck Inductor, L2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3µH to 10µH
Thermal Resistance
θJA(°C/W) θJC (°C/W)
6x6 QFN Package (Notes 1, 2) . . . . . .
32
8.6
Operating Ambient Temperature Range . . . . . . . . -40°C to +105°C
Operating Junction Temperature . . . . . . . . . . . . . . -40°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VIN = 12V, VBOOST = VSUPN = VSUPP = 15V, VON = 25V, VOFF = -8V, over temperature from -40°C to +105°C,
unless otherwise stated.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY PINS
VIN
Supply Voltage
4
14
V
IS
Quiescent Current
Enabled, no switching
4
5
mA
Disabled
2.7
3.5
mA
FSW
Switching Frequency
580
680
780
kHz
VREF
Reference Voltage
TA = +25°C
1.190
1.215
1.240
V
1.187
1.215
1.243
V
VLOR
Undervoltage Lockout Threshold
VL rising
3.4
3.55
3.7
V
VLOF
Undervoltage Lockout Threshold
VL falling
2.9
3.0
3.2
V
Thermal Shutdown
Temperature rising
150
°C
Thermal Shutdown Hysteresis
20
°C
LOGIC SIGNALS HVS, EN, CTL
Logic Input High
2.0
V
Logic Input Low
0.4
V
Pull-down Resistance
115
174
215
k
Ω
HVS, RSET
RSET
RSET Pull-down Resistance
HVS = HIGH
200
Ω
IRSET
RSET Leakage Current
HVS = LOW, VRSET = 1.2V
0.4
µA
AVDD BOOST
DLIM
Min Duty Cycle
8.5
12
%
Max Duty Cycle
90
%
ISL97653A


Similar Part No. - ISL97653A_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653AIRZ RENESAS-ISL97653AIRZ Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653AIRZ-T INTERSIL-ISL97653AIRZ-T Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653AIRZ-T RENESAS-ISL97653AIRZ-T Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653AIRZ-TK INTERSIL-ISL97653AIRZ-TK Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
More results

Similar Description - ISL97653A_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653A RENESAS-ISL97653A Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com