Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97701IRZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97701IRZ-T7
Description  Boost Regulator with Integrated Schottky and Input Disconnect Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97701IRZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97701IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL97701IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL97701IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL97701IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL97701IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL97701IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL97701IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL97701IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL97701IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN6474.1
February 22, 2008
Typical Performance Curves
FIGURE 2. EFFICIENCY vs LOAD CURRENT (VOUT = 18.3V)
L = 10µH (CDRH4D28C-100NC) C = 6.6µF
FIGURE 3. EFFICIENCY vs IOUT (VOUT = 18.3V)
L = 6.8µH (TDK RLF7030) C = 6.6µF
FIGURE 4. EFFICIENCY vs IOUT (VOUT = 12.6V)
L = 6.8µH (TDK RLF7030) C = 6.6µF
FIGURE 5. EFFICIENCY vs IOUT (VOUT = 12.7V)
L = 10µH (CDRH4D28C-100NC) C = 6.6µF
FIGURE 6. START-UP TO 12V (VDD = 3.6V, RL = 360Ω)
FIGURE 7. START-UP TO 18V (VDD = 3.6V, RL = 360Ω)
65
70
75
80
85
90
0
50
100
150
LOAD CURRENT (mA)
3.6V
4.2V
2.7V
65
70
75
80
85
90
0
50
100
150
IOUT (mA)
3.6V
4.2V
2.7V
65
70
75
80
85
90
IOUT (mA)
3.6V
4.2V
2.7V
0
50
100
150
200
65
70
75
80
85
90
050
100
150
IOUT (mA)
200
4.2V
2.7V
3.6V
V(NEN)
V(VOUT)
I(VDD)
V(NEN)
V(VOUT)
I(VDD)
ISL97701


Similar Part No. - ISL97701IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97701IRZ-T7 RENESAS-ISL97701IRZ-T7 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
More results

Similar Description - ISL97701IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605 Datasheet
308Kb / 13P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
logo
Monolithic Power System...
MP3212 MPS-MP3212 Datasheet
563Kb / 11P
   1.3A, 1MHz Step-up Regulator with Integrated Input Disconnect Switch
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
   Automotive Boost Regulator with 4A Integrated Switch
logo
Linear Technology
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
   Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com