Electronic Components Datasheet Search |
|
X3100 Datasheet(PDF) 10 Page - Intersil Corporation |
|
X3100 Datasheet(HTML) 10 Page - Intersil Corporation |
10 / 41 page 10 FN8110.1 January 3, 2008 Cell Number Selection The X3100 is designed to operate with four (4) Li-Ion battery cells. The X3101 is designed to operate with three (3) Li-ion battery cells. The CELLN bit of the configuration register (Table 9) sets the number of cells recognized. For the X3101, the value for CELLN should always be zero. Table 9. Selection of Number of Battery Cells1 The configuration register consists of 16 bits of NOVRAM memory (Table 2, Table 3). This memory features a high-speed static RAM (SRAM) overlaid bit- for-bit with non-volatile “Shadow” EEPROM. An auto- matic array recall operation reloads the contents of the shadow EEPROM into the SRAM configuration regis- ter upon power-up (Figure 1). Figure 1. Power-up of Configuration Register The configuration register is designed for unlimited write operations to SRAM, and a minimum of 1,000,000 store operations to the EEPROM. Data retention is specified to be greater than 100 years. It should be noted that the bits of the shadow EEPROM are for the dedicated use of the configura- tion register, and are NOT part of the general purpose 4kbit EEPROM array. T he WCFIG command writes to the configuration reg- ister, see Table 30 and section “X3100/X3101 SPI Serial Communication” on page 23. After writing to this register using a WCFIG instruction, data will be stored only in the SRAM of the configura- tion register. In order to store data in shadow EEPROM, a WREN instruction, followed by a EEWRITE to any address of the 4kbit EEPROM mem- ory array must occur, see Figure 2. This sequence ini- tiates an internal nonvolatile write cycle which permits data to be stored in the shadow EEPROM cells. It must be noted that even though a EEWRITE is made to the general purpose 4kbit EEPROM array, the value and address to which it is written, is unimportant. If this procedure is not followed, the configuration register will power-up to the last previously stored values fol- lowing a power-down sequence. Configuration Register Bit Operation CELLN 1 4 Li-Ion battery cells (X3100 default) 0 3 Li-Ion battery cells (X3100 or X3101) 1. In the case that the X3100 or X3101 is configured for use with only three Li-Ion battery cells (i.e. CELLN = 0), then VCELL4 (pin 7) MUST be tied to Vss (pin 9) to ensure correct operation. Configuration Register (SRAM) Shadow EEPROM Recall Recall Upper Byte Lower Byte X3100, X3101 |
Similar Part No. - X3100 |
|
Similar Description - X3100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |